Electronic Components Datasheet Search
  English  ▼

X  

MPL3150A2ST1 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPL3150A2ST1
Description  I2C precision pressure sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPL3150A2ST1 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPL3150A2ST1 Datasheet HTML 9Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 10Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 11Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 12Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 13Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 14Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 15Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 16Page - NXP Semiconductors MPL3150A2ST1 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
NXP Semiconductors
MPL3150A2S
I2C precision pressure sensor
13.3 Temperature function
The unit contains a high-resolution temperature sensor that provides data to the user via a 16-bit data register,
as well as for internal compensation of the pressure sensor.
13.4 Autonomous data acquisition
The unit can be programmed to periodically capture pressure and temperature data. Up to 32 data acquisitions
can be stored in the internal FIFO. The interval between acquisitions is programmable from one second to nine
hours.
Data collection capabilities: (up to 32 samples over 12 days). The unit can also be programmed to make a
single reading and then go to standby mode.
13.5 FIFO
A 32-sample FIFO is incorporated to minimize the overhead of collecting multiple data samples. The FIFO
stores both temperature and pressure data. The device can be programmed to autonomously collect data at
programmed intervals and store the data in the FIFO. FIFO interrupts can be triggered by watermark full or data
contention (FIFO GATE) events.
13.6 External interrupts
Two independent interrupt out pins are provided. The configuration of the pins is programmable (polarity, open-
drain, or push/pull.) Any one of the internal interrupt sources can be routed to either pin.
13.6.1 Reach target threshold pressure (SRC_PTH)
The interrupt flag is set on reaching the value stored in the pressure target register. Additionally, a window value
provides the ability to signal when the target is nearing the value in the pressure target register from either
above or below.
Example:
• Set pressure alert to 100.0 kPa and window value to 5 kPa, interrupt can be sent passing 95 kPa, 100 kPa,
and 105 kPa.
Note: When the window value is set to 0, then the interrupt will only be generated when reaching or crossing
the target value.
13.6.2 Reach window target pressure (SRC_PW)
The interrupt flag is set when the pressure value is within the window defined by the following formula:
Note: If the P_WND value is set to 0, no interrupt is generated.
13.6.3 Reach target threshold temperature (SRC_TTH)
Interrupt flag is set on reaching the value stored in the temperature target register. Additionally a window value
provides ability to signal when the target is nearing from either above or below the value in the temperature
target register.
Note: When the window value is set to 0, then the interrupt will only be generated when reaching or crossing
the target value.
MPL3150A2S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 8 May 2023
13 / 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com