Electronic Components Datasheet Search
  English  ▼

X  

BPA02K Datasheet(PDF) 2 Page - ITT Industries

Part # BPA02K
Description  Side Actuated DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BPA02K Datasheet(HTML) 2 Page - ITT Industries

  BPA02K Datasheet HTML 1Page - ITT Industries BPA02K Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-15
I
C&K BPA Series
Side Actuated DIP Switches
Side Actuator – Surface Mount Terminals
Tape & Reel Packaging – Surface Mount Options Only
BPA08SK
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
ON
.100 TYP.
(2,54)
DIM 'A'
.024
(0,61)
.031
(0,79)
.083
(2,1)
25
.063
(1,6)
.039
(1,0)
.069
(1,75)
REF
.055
(1,40)
.100
(2,54)
TYP.
.366
(9,30)
.346
(8,79)
.266
(6,76)
.008
(0,20)
.060 MIN.
(1,52)
TYP.
.240 MAX.
(6,1)
TYP.
.410 MIN.
(10,41)
TYP.
POLES
DIM. ‘A’
DIM. ‘B’
DIM. ‘C’
DIM. ‘D’
DIM. ‘E’
2
.453 (11,5)
––
.945 (24,0)
.311 (7,9)
.961 (24,4)
3
.453 (11,5)
––
.945 (24,0)
.409 (10,4)
.961 (24,4)
4
.453 (11,5)
––
.945 (24,0)
.508 (12,9)
.961 (24,4)
5
.453 (11,5)
––
.945 (24,0)
.606 (15,4)
.961 (24,4)
6
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.709 (18,0)
1.276 (32,4)
7
.559 (14,2)
1.118 (28,4)
1.260 (32,0)
.807 (20,5)
1.276 (32,4)
8
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
.894 (22,7)
1.748 (44,4)
9
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.004 (25,5)
1.748 (44,4)
10
.795 (20,2)
1.590 (40,4)
1.732 (44,0)
1.106 (28,1)
1.748 (44,4)
NOTE: Tape and reel packaging available by adding “R” to end of
project number.
Note: For tape and reel packaging, add ‘R’ to end of part number.
Direction of feed
Direction of feed
2, 4, 5, 5, & 7 Positions
8, 9 & 10 Positions
DETAIL A
SEE
DETAIL A
DIM. 'A'
DIM. 'C'
120
40
7.48
(190,0)
.512
(13,0)
.827
(21,0)
12.99
(330,0)
3.937
(100,0)
DIM. 'E'
.079
(2,00)
.079
(2,00)
.079
(2,00)
.079
(2,00)
.069
(1,75)
.016
(0,40)
.157
(4,00)
.450
(11,5)
.630
(16,0)
.315
(8,00)
3
MAX.
3 MAX.
DIM 'D'
Ø.012
(0,30)
MAX.
Ø.059
(1,50)
Ø.012
(0,30)
MAX.
Ø.012
(0,30)
MAX.
Ø.030
(0,75)
.008
(0,20)
.630
(16,0)
.016
(0,40)
3
MAX.
DIM 'D'
DIM. 'A'
.079
(2,00)
.069
(1,75)
.157
(4,00)
Ø.059
(1,50)
DIM. 'B'
DIM. 'C'
.450
(11,5)
.315
(8,00)
3 MAX.
Ø.012
(0,30)
MAX.
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
BPA02SB
BPA02SK
2
.276 (7,0)
60
BPA03SB
3
.376 (9,6)
45
BPA04SB
BPA04SK
4
.476 (12,1)
35
BPA05SB
BPA05SK
5
.575 (14,6)
30
BPA06SB
BPA06SK
6
.677 (17,2)
25
BPA07SB
BPA07SK
7
.776 (19,7)
20
BPA08SB
BPA08SK
8
.878 (22,3)
20
BPA09SB
BPA09SK
9
.976 (24,8)
15
BPA10SB
BPA10SK
10
1.075 (27,3)
15
Schematic
SPST
500
500
500
500
500
500
500
500
500
QTY/
REEL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com