Electronic Components Datasheet Search
  English  ▼

X  

BPA06K Datasheet(PDF) 1 Page - ITT Industries

Part # BPA06K
Description  Side Actuated DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BPA06K Datasheet(HTML) 1 Page - ITT Industries

  BPA06K Datasheet HTML 1Page - ITT Industries BPA06K Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-14
I
How To Order
Complete part numbers for BPA Series are shown on pages I–14 thru I–15. All switches supplied in “OFF” position.
Specifications
SWITCH FUNCTION: 2 thru 10 position available
(except 3 position).
CONTACT RATING: 100 mA max. @ 5 V DC or 25 mA max.
@ 24 V DC.
MECHANICAL AND ELECTRICAL LIFE: 1,000 cycles min.
@ 5 V DC 10mA.
CONTACT RESISTANCE: 50 milliohms initial max.
INSULATION RESISTANCE: 100 V DC 100 megohms min.
DIELECTRIC WITHSTAND VOLTAGE: 300 V AC for 1 minute.
STORAGE TEMPERATURE: -40°C to 85°C.
OPERATING TEMPERATURE: -20°C to 85°C.
OPERATING FORCE: 800 grams max.
SOLDERABILITY: Flow solderable and washable
(soldering: 235°C ± 5°C for 5 sec.)
PACKAGING: Switches supplied in rigid dispensing tubes in full-
tube quantities only, this may affect order quantity. Numbers
of switches per tube varies with model. Tape and reel
packaging available for SMT options.
Materials
HOUSING: PBT (thru-hole) color: Black. PPA (SMT) color: Red
RoHS, Version (thru-hole and SMT) PPS, color black
(UL94V-0).
COVER: PBT (thru-hole) color: Red. PPA (SMT) color: Red
RoHS, Version (thru-hole and SMT) PPS, color black
(UL94V-0).
ACTUATOR: PBT (thru-hole): PA-6T (SMT) (UL94V-0).
CONTACTS: Beryllium copper with gold plate.
TERMINALS: Brass/Tin-lead plated. RoHS, Version brass, gold
plate over nickel plate.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
Note: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
C&K BPA Series
Side Actuated DIP Switches
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
ON
ø.032 TYP.
(0,8)
.100
(2,54)
.300
(7,6)
DIM 'A'
.024
(0,61)
.346
(8,79)
.083
(2,1)
.010 TYP.
(0,25)
.295/.343
(7,6/8,7)
25
.266
(6,76)
MAX.
.128
(3,25)
TYP.
.063
(1,6)
.039
(1,0)
.069
(1,75)
REF
.055
(1,40)
.100
(2,54)
TYP.
.022
(0,56)
Features/Benefits
• Side actuated contacts
• Available in thru-hole or
SMT models
• High pressure contact system
does not require tape seal
• RoHS compliant - options available
Side Actuator – Thru-hole Terminals
BPA08K
NOTE: Reverse throw available, contact ITT for P/N and quote.
Typical Applications
• Address switch for industrial controls
• Logic switching for computers and
peripherals
• Function controlling for numerous
applications
ROHS
TIN LEAD
NO.
QUANTITY
PART NUMBER
PART NUMBER
POS.
DIM. ‘A’
PER TUBE
BPA02B
BPA02K
2
.276 (7,0)
60
BPA03B
3
.376 (9,6)
45
BPA04B
BPA04K
4
.476 (12,1)
35
BPA05B
BPA05K
5
.575 (14,6)
30
BPA06B
BPA06K
6
.677 (17,2)
25
BPA07B
BPA07K
7
.776 (19,7)
20
BPA08B
BPA08K
8
.878 (22,3)
20
BPA09B
BPA09K
9
.976 (24,8)
15
BPA10B
BPA10K
10
1.075 (27,3)
15
Schematic
SPST


Similar Part No. - BPA06K

ManufacturerPart #DatasheetDescription
logo
C&K Components
BPA06-R-S-B-R CK-COMPONENTS-BPA06-R-S-B-R Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
BPA06B CK-COMPONENTS-BPA06B Datasheet
168Kb / 3P
Side Actuated DIP Switches
BPA06SB CK-COMPONENTS-BPA06SB Datasheet
168Kb / 3P
Side Actuated DIP Switches
More results

Similar Description - BPA06K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BP12 ETC1-BP12 Datasheet
254Kb / 2P
Side Actuated DIP Switcehs
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
logo
OEN India Limited
25-200 OENINDIA-25-200 Datasheet
352Kb / 1P
ROCKER ACTUATED DIP SWITCHES
logo
C&K Components
BPA CK-COMPONENTS-BPA Datasheet
168Kb / 3P
Side Actuated DIP Switches
SDS CK-COMPONENTS-SDS Datasheet
157Kb / 1P
Side Actuated Detect Switches
TDP CK-COMPONENTS-TDP Datasheet
195Kb / 3P
Half-pitch Side-Actuated DIP Switches
logo
CTS Corporation
193-2MS CTS-193-2MS Datasheet
303Kb / 2P
Side Actuated DIP Switch
logo
C&K Components
BP CK-COMPONENTS-BP Datasheet
58Kb / 3P
Side Actuated DIP Switches
1997
BPA CK-COMPONENTS-BPA_V01 Datasheet
233Kb / 3P
Side Actuated DIP Switches
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com