Electronic Components Datasheet Search
  English  ▼

X  

PTH04T231W Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T231W
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231W Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH04T231W Datasheet HTML 15Page - Texas Instruments PTH04T231W Datasheet HTML 16Page - Texas Instruments PTH04T231W Datasheet HTML 17Page - Texas Instruments PTH04T231W Datasheet HTML 18Page - Texas Instruments PTH04T231W Datasheet HTML 19Page - Texas Instruments PTH04T231W Datasheet HTML 20Page - Texas Instruments PTH04T231W Datasheet HTML 21Page - Texas Instruments PTH04T231W Datasheet HTML 22Page - Texas Instruments PTH04T231W Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
www.ti.com
40
30
20
4
10
With TurboTrans
Without TurboTrans
6
5
8
7
9
C − Capacitance −
µF
C − Capacitance −
µF
Without TurboTrans
With TurboTrans
40
30
20
4
10
6
5
8
7
9
R
TT + 40
1 * CO 1250
C
O
250 * 1
kW
(3)
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
PTH04T230W Type B Capacitors
5-V Input
3.3-V Input
Figure 12. Capacitor Type B, 1000 < C(
µF) x ESR(mΩ) ≤
Figure 13. Capacitor Type B, 1000 < C(
µF) x ESR(mΩ) ≤
5000
5000
(e.g. Polymer-Tantalum)
(e.g. Polymer-Tantalum)
Table 5. Type B TurboTrans CO Values and Required RTT Selection Table
Transient Voltage Deviation (mV)
5-V Input
3.3-V Input
CO
RTT
CO
RTT
25% load step
50% load step
75% load step
Minimum
Required
Minimum
Required
(1.5 A)
(3 A)
(4.5 A)
Required Output
TurboTrans
Required Output
TurboTrans
Capacitance (
µF)
Resistor (k
Ω)
Capacitance (
µF)
Resistor (k
Ω)
60
120
180
250
open
250
open
50
100
150
300
165
300
165
40
80
120
400
46.4
400
46.4
30
60
90
570
16.9
570
16.9
25
50
75
710
9.31
720
9.09
20
40
60
940
3.57
960
3.24
15
30
45
1520
short
1500
short
12
24
36
3200
short
3100
short
RTT Resistor Selection
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming equation:
Where CO is the total output capacitance in µF. CO values greater than or equal to 1250 µF require RTT to
be a short, 0
Ω.
To ensure stability, a minimum amount of output capacitance is required for a given RTT resistor value. The
value of RTT must be calculated using the minimum required output capacitance determined from the
capacitor transient response charts above.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com