Electronic Components Datasheet Search
  English  ▼

X  

PTH04T231WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T231WAS
Description  6-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T231WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH04T231WAS Datasheet HTML 3Page - Texas Instruments PTH04T231WAS Datasheet HTML 4Page - Texas Instruments PTH04T231WAS Datasheet HTML 5Page - Texas Instruments PTH04T231WAS Datasheet HTML 6Page - Texas Instruments PTH04T231WAS Datasheet HTML 7Page - Texas Instruments PTH04T231WAS Datasheet HTML 8Page - Texas Instruments PTH04T231WAS Datasheet HTML 9Page - Texas Instruments PTH04T231WAS Datasheet HTML 10Page - Texas Instruments PTH04T231WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
www.ti.com
PTH04T230W, PTH04T231W
SLTS271A – SEPTEMBER 2006 – REVISED OCTOBER 2006
ELECTRICAL CHARACTERISTICS (continued)
PTH04T231W (Ceramic Capacitors)
T
A = 25°C, VI = 5 V, VO = 3.3 V, CI = 300 µF ceramic, CO = 300 µF ceramic, and IO = IO max (unless otherwise stated)
PARAMETER
TEST CONDITIONS
PTH04T231W
UNIT
MIN
TYP
MAX
w/o TurboTrans
Capacitance Value
Ceramic
300 (6)
5000 (7)
µF
see table
CO
External output capacitance
Capacitance Value
5000
µF
(6)
w/ TurboTrans
Capacitance
× ESR product (C
O× ESR)
100
1000
µF
×mΩ
Per Telcordia SR-332, 50% stress,
MTBF
Reliability
5.3
106 Hr
TA = 40°C, ground benign
(6)
300 µF of ceramic output capacitance is required for basic operation. The minimum output capacitance requirement increases when
TurboTrans™ (TT) technology is utilized. Additionally, low ESR capacitors are required for proper operation. See related Application
Information for more guidance.
(7)
This is the calculated maximum disregarding TurboTrans™ technology.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com