Electronic Components Datasheet Search
  English  ▼

X  

STD90N03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD90N03L
Description  N-channel 30V - 0.005Ω - 80A - DPAK/IPAK STripFET??III Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N03L Datasheet(HTML) 1 Page - STMicroelectronics

  STD90N03L Datasheet HTML 1Page - STMicroelectronics STD90N03L Datasheet HTML 2Page - STMicroelectronics STD90N03L Datasheet HTML 3Page - STMicroelectronics STD90N03L Datasheet HTML 4Page - STMicroelectronics STD90N03L Datasheet HTML 5Page - STMicroelectronics STD90N03L Datasheet HTML 6Page - STMicroelectronics STD90N03L Datasheet HTML 7Page - STMicroelectronics STD90N03L Datasheet HTML 8Page - STMicroelectronics STD90N03L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
October 2006
Rev1
1/16
16
■ RDS(on)*Qg industry’s benchmark
■ Conduction losses reduced
■ Switching losses reduced
■ Low threshold device
Description
This device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
This is suitable for the most demanding DC-DC
converter application where high efficiency is to
be achieved.
Applications
■ Switching applications
Internal schematic diagram
General features
Type
VDSS
RDS(on)
ID
STD90N03L
STD90N03L-1
30V
30V
0.0057
Ω
0.0057
Ω
80A (1)
80A (1)
1.
Pulse width limited by safe operating area
IPAK
3
2
1
1
3
DPAK
STD90N03L
STD90N03L-1
N-channel 30V - 0.005
Ω - 80A - DPAK/IPAK
STripFET™ III Power MOSFET
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD90N03L
D90N03L
DPAK
Tape & reel
STD90N03L-1
D90N03L-1
IPAK
Tube


Similar Part No. - STD90N03L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD90N03L VBSEMI-STD90N03L Datasheet
1,003Kb / 7P
N-Channel 30-V (D-S) MOSFET
STD90N03L-1 VBSEMI-STD90N03L-1 Datasheet
996Kb / 7P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - STD90N03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD110NH02L STMICROELECTRONICS-STD110NH02L Datasheet
498Kb / 11P
N-CHANNEL 24V - 0.0044 ohm - 80A DPAK STripFET™ III POWER MOSFET
Sep-2003
STD17NE03L STMICROELECTRONICS-STD17NE03L Datasheet
92Kb / 9P
N - CHANNEL 30V - 0.034ohm - 17A - DPAK/IPAK STripFET POWER MOSFET
Jun-1999
STD17NF03L STMICROELECTRONICS-STD17NF03L Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.038ohm - 17A - DPAK/IPAK STripFET™ POWER MOSFET
Aug-2000
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
Oct-2003
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
14-Sep-2005
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
07-Feb-2006
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
27-Oct-2006
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
29-Jun-2006
STD110NH02L STMICROELECTRONICS-STD110NH02L_06 Datasheet
463Kb / 15P
N-channel 24V - 0.0044ohm - 80A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com