Electronic Components Datasheet Search
  English  ▼

X  

1408700 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1408700
Description  NBC-MSD-MRD SCO/.../... - Network cable
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1408700 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1408700 Datasheet HTML 1Page - PHOENIX CONTACT 1408700 Datasheet HTML 2Page - PHOENIX CONTACT 1408700 Datasheet HTML 3Page - PHOENIX CONTACT 1408700 Datasheet HTML 4Page - PHOENIX CONTACT 1408700 Datasheet HTML 5Page - PHOENIX CONTACT 1408700 Datasheet HTML 6Page - PHOENIX CONTACT 1408700 Datasheet HTML 7Page - PHOENIX CONTACT 1408700 Datasheet HTML 8Page - PHOENIX CONTACT 1408700 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Network cable, Ethernet CAT5 (100 Mbps), 4-position, shielded, Plug straight M12 SPEEDCON /
IP67, coding: D, on Plug angled M12 SPEEDCON / IP67, coding: D, cable length: Free input (0.2
... 40.0 m)
Commercial Data
Item number
1408700
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to Order (non-returnable)
Sales Key
BF17
Product Key
BF1CJI
Catalog Page
Page 399 (C-2-2019)
Customs tariff number
85444290
Country of origin
PL
NBC-MSD-MRD SCO/.../... - Network cable
1408700
https://www.phoenixcontact.com/us/products/1408700
May 12, 2023, 7:08 AM
Page 1 (15)


Similar Part No. - 1408700

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408701 PHOENIX-1408701 Datasheet
521Kb / 15P
NBC-MRD-R4QC SCO/.../... - Network cable
1408702 PHOENIX-1408702 Datasheet
521Kb / 15P
NBC-MRD-R4RC SCO/.../... - Network cable
1408703 PHOENIX-1408703 Datasheet
514Kb / 14P
NBC-MRD-R4MC SCO/.../... - Network cable
1408705 PHOENIX-1408705 Datasheet
924Kb / 26P
NBC-MRD SCO/.../... - Network cable
1408706 PHOENIX-1408706 Datasheet
532Kb / 17P
NBC-MSD-MSD SCO/.../... - Network cable
More results

Similar Description - 1408700

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1408706 PHOENIX-1408706 Datasheet
532Kb / 17P
NBC-MSD-MSD SCO/.../... - Network cable
1408633 PHOENIX-1408633 Datasheet
1Mb / 34P
NBC-MRD SCO-PN/.../... - Network cable
1408691 PHOENIX-1408691 Datasheet
525Kb / 15P
NBC-MRD-FSD SCO/.../... - Network cable
1408625 PHOENIX-1408625 Datasheet
596Kb / 19P
NBC-MSD-MRD SCO-PN/.../... - Network cable
1412179 PHOENIX-1412179 Datasheet
1Mb / 44P
NBC-MRD SCO RAIL/.../... - Network cable
1408699 PHOENIX-1408699 Datasheet
472Kb / 13P
NBC-MRD-MRD SCO/.../... - Network cable
1408624 PHOENIX-1408624 Datasheet
595Kb / 19P
NBC-MRD-MRD SCO-PN/.../... - Network cable
1408705 PHOENIX-1408705 Datasheet
924Kb / 26P
NBC-MRD SCO/.../... - Network cable
1408702 PHOENIX-1408702 Datasheet
521Kb / 15P
NBC-MRD-R4RC SCO/.../... - Network cable
1408683 PHOENIX-1408683 Datasheet
575Kb / 15P
NBC-MRD-FRD SCO/.../... - Network cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com