| Electronic Components Datasheet Search |
|
AD5533ABC-1 Datasheet(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5533ABC-1 Datasheet(HTML) 13 Page - Analog Devices |
|
13 / 16 page ![]() REV. A AD5532B –13– 2. DAC Mode In this standard mode, a selected DAC register is loaded serially. This requires a 24-bit write (10 bits to address the relevant DAC plus an extra 14 bits of DAC data). (See Figure 4.) MSB is written first. The user must allow 400 ns (min) between successive writes in DAC mode. 3. Acquire and Readback Mode This mode allows the user to acquire VIN and read back the data in a particular DAC register. The relevant channel is addressed (10-bit write, MSB first) and VIN is acquired in 16 µs (max). Following the acquisition, after the next falling edge of SYNC, the data in the relevant DAC register is clocked out onto the DOUT line in a 14-bit serial format. (See Figure 5.) The full acquisition time must elapse before the DAC register data can be clocked out. 4. Readback Mode Again, this is a readback mode but no acquisition is performed. The relevant channel is addressed (10-bit write, MSB first) and on the next falling edge of SYNC, the data in the relevant DAC register is clocked out onto the DOUT line in a 14-bit serial format. (See Figure 5.) The user must allow 400 ns (min) between the last SCLK falling edge in the 10-bit write and the falling edge of SYNC in the 14-bit readback. The serial write and read words can be seen in Figure 10. This feature allows the user to read back the DAC register code of any of the channels. In DAC mode, this is useful in verification of write cycles. In ISHA mode, readback is useful if the system has been calibrated and the user wants to know what code in the DAC corresponds to a desired voltage on VOUT. If the user requires this voltage again, the user can input the code directly to the DAC register without going through the acquisition sequence. INTERFACES SERIAL INTERFACE The SER/ PAR pin is tied high to enable the serial interface and to disable the parallel interface. The serial interface is controlled by four pins as follows: SYNC, D IN, SCLK Standard 3-wire interface pins. The SYNC pin is shared with the CS function of the parallel interface. DOUT Data out pin for reading back the contents of the DAC registers. The data is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK. Mode Bits There are four different modes of operation as described above. Cal Bit In DAC mode, this is a test bit. When it is high it is used to load all zeros or all ones to the 32 DACs simultaneously. In ISHA mode, all 32 channels acquire VIN simultaneously when this bit is high. In ISHA mode, the acquisition time is then 45 µs (typ) and accuracy may be reduced. This bit is set low for normal operation. Offset_Sel Bit If this is set high, the offset channel is selected and Bits A4–A0 are ignored. *SPI and QSPI are trademarks of Motorola, Inc. Test Bit This must be set low for correct operation of the part. A4–A0 Bits Used to address any one of the 32 channels (A4 = MSB of address, A0 = LSB). DB13–DB0 Bits These are used to write a 14-bit word into the addressed DAC register. Clearly, this is only valid when in DAC mode. The serial interface is designed to allow easy interfacing to most microcontrollers and DSPs, e.g., PIC16C, PIC17C, QSPI™, SPI™, DSP56000, TMS320, and ADSP-21xx, without the need for any glue logic. When interfacing to the 8051, the SCLK must be inverted. The Microprocessor/Microcontroller Interface section explains how to interface to some popular DSPs and microcontrollers. Figures 3, 4, and 5 show the timing diagram for a serial read and write to the AD5532B. The serial interface works with both a con- tinuous and a noncontinuous serial clock. The first falling edge of SYNC resets a counter that counts the number of serial clocks to ensure the correct number of bits are shifted in and out of the serial shift registers. Any further edges on SYNC are ignored until the correct number of bits are shifted in or out. Once the correct number of bits for the selected mode have been shifted in or out, the SCLK is ignored. In order for another serial transfer to take place, the counter must be reset by the falling edge of SYNC. In readback, the first rising SCLK edge after the falling edge of SYNC causes D OUT to leave its high impedance state and data is clocked out onto the DOUT line and also on subsequent SCLK rising edges. The DOUT pin goes back into a high impedance state on the falling edge of the fourteenth SCLK. Data on the DIN line is latched in on the first SCLK falling edge after the falling edge of the SYNC signal and on subsequent SCLK falling edges. During readback DIN is ignored. The serial interface will not shift data in or out until it receives the falling edge of the SYNC signal. PARALLEL INTERFACE (ISHA Mode Only) The SER/ PAR bit must be tied low to enable the parallel interface and disable the serial interface. The parallel interface is controlled by nine pins. CS Active low package select pin. This pin is shared with the SYNC function for the serial interface. WR Active low write pin. The values on the address pins are latched on a rising edge of WR. A4–A0 Five address pins (A4 = MSB of address, A0 = LSB). These are used to address the relevant channel (out of a possible 32). Offset_Sel Offset select pin. This has the same function as the Offset_Sel bit in the serial interface. When it is high, the offset channel is addressed. The address on A4–A0 is ignored in this case. Cal When this pin is high, all 32 channels acquire VIN simulta- neously. The acquisition time is then 45 µs (typ) and accuracy may be reduced. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |