Electronic Components Datasheet Search
  English  ▼

X  

1754847 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1754847
Description  PCB connector - MSTB 2,5/22-ST
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754847 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1754847 Datasheet HTML 2Page - PHOENIX CONTACT 1754847 Datasheet HTML 3Page - PHOENIX CONTACT 1754847 Datasheet HTML 4Page - PHOENIX CONTACT 1754847 Datasheet HTML 5Page - PHOENIX CONTACT 1754847 Datasheet HTML 6Page - PHOENIX CONTACT 1754847 Datasheet HTML 7Page - PHOENIX CONTACT 1754847 Datasheet HTML 8Page - PHOENIX CONTACT 1754847 Datasheet HTML 9Page - PHOENIX CONTACT 1754847 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Rated insulation voltage (III/2)
320 V
Rated surge voltage (III/2)
4 kV
minimum clearance value - non-homogenous field (III/2)
3 mm
minimum creepage distance (III/2)
3 mm
Rated insulation voltage (II/2)
630 V
Rated surge voltage (II/2)
4 kV
minimum clearance value - non-homogenous field (II/2)
3 mm
minimum creepage distance (II/2)
3.2 mm
Packaging specifications
Type of packaging
packed in cardboard
PCB connector - MSTB 2,5/22-ST
1754847
https://www.phoenixcontact.com/us/products/1754847
Feb 10, 2023, 7:18 AM
Page 6 (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com