Electronic Components Datasheet Search
  English  ▼

X  

MAX4655ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4655ESA
Description  High-Current, 10ohm, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4655ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4655ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4655ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
High-Current, 10Ω, SPST, CMOS
Analog Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
-120
-80
-100
-40
-60
0
-20
20
0.01
1
0.1
10
100
1000
ON-RESPONSE, OFF-ISOLATION
vs. FREQUENCY
FREQUENCY (MHz)
ON-RESPONSE
OFF-ISOLATION
BW = 210MHz
V+ = +15V,
V- = -15V
1.0
1.4
2.2
1.8
2.6
3.0
515
10
20
25
30
35
40
LOGIC-LEVEL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
V+ (V)
0
1000
500
2000
1500
2500
3000
-10
0
-5
5
10
SUPPLY CURRENT vs. VOLTAGE ACROSS
SWITCH
VCOM - VN_ (mV)
V+ = +15V,
V- = -15V
0
40
120
80
160
200
-40
10
-15
35
60
85
TURN-ON/TURN-OFF TIME
vs. TEMPERATURE
TEMPERATURE (°C)
tON
tOFF
V+ = +15V
V- = -15V
RL = 300Ω
CL = 35pF
Pin Description
PIN
MAX4655/
MAX4657
MAX4656/
MAX4658
NAME
FUNCTION
11
COM
Analog Switch Common
2, 5
2, 5
N.C.
No Internal Connection
33
GND
Ground
44
V+
Positive Supply Voltage Input
66
IN
Digital Control Input
77
V-
Negative Supply Voltage Input
—8
NO
Analog Switch Normally Open
8—
NC
Analog Switch Normally Closed
EP
—
PAD
Exposed Pad. Connect to GND.
0
50
100
150
200
250
300
TURN-ON/TURN-OFF TIME vs.
SUPPLY VOLTAGE (DUAL SUPPLIES)
V+, V- (V)
59
711
13
15
RL = 300Ω
CL = 35pF
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com