Electronic Components Datasheet Search
  English  ▼

X  

PI3B3863 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3B3863
Description  3.3V, 10-Bit, 2-Port BusSwitch with SSTL-2 Enable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3863 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3B3863 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3863 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3863 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PS8167D
01/05/00
Product Pin Configuration
Product Pin Description
PinName
Description
BE
Bus Enable Input (Active LOW)
A0–9
Bus A
B0–9
Bus B
GND
Ground
VCC
Power
VREF
Input Reference
Function
BE
A0–9
Disconnect
H
Hi-Z
Connect
L
B0–9
Truth Table(1)
Note:
1. H = High Voltage Level
L = Low Voltage Level
Hi-Z = High Impedance
Logic Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B3863
3.3V, 10-Bit, 2-Port BusSwitch
with SSTL-2 Enable
ProductDescription
Pericom’s Semiconductor’s PI3B series of logic circuits are
produced using the Company’s advanced sub micron CMOS
technology, achieving industry leading performance.
The PI3B3863 is a 10-bit, 3.3 volt two-port bus switch designed
with a low ON resistance allowing inputs to be connected
directly to outputs. The bus switch creates no additional
propagational delay or additional ground bounce noise. The
switches are turned ON by the Bus Enable (BE) input signal,
which is SSTL-2 compatible.
ProductFeatures
• Near zero propagation delay
• 20 Ohm switches connect inputs to outputs
• Fast Switching Speed - 3.8ns (max.)
• Packagesavailable:
–24-pin150milwideplasticQSOP(Q)
–24-pin173milwideplasticTSSOP(L)
24-Pin
Q, L


Similar Part No. - PI3B3863

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861L PERICOM-PI3B3861L Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861LE PERICOM-PI3B3861LE Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861Q PERICOM-PI3B3861Q Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3861QE PERICOM-PI3B3861QE Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results

Similar Description - PI3B3863

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
10-Bit, 2-Port BusSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16245 PERICOM-PI3B16245 Datasheet
92Kb / 3P
3.3V, Hot Insertion, 16-Bit, 2-Port BusSwitch
PI5C32X245 PERICOM-PI5C32X245 Datasheet
348Kb / 4P
16-Bit, 2-Port BusSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
PI5C34X2245 PERICOM-PI5C34X2245 Datasheet
49Kb / 3P
32-Bit, 2-Port BusSwitch with 25ohm Series Resistor
PI5C3384 PERICOM-PI5C3384 Datasheet
55Kb / 4P
10-Bit, 2-Port BusSwitch
PI3C3861 PERICOM-PI3C3861 Datasheet
157Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion, 10-Bit, 2-Port, BusSwitch
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
3.3V, 10-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com