Electronic Components Datasheet Search
  English  ▼

X  

523-AS06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 523-AS06
Description  Hall Effect Incremental Rotary Shaft Encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

523-AS06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  523-AS06 Datasheet HTML 1Page - List of Unclassifed Manufacturers 523-AS06 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22
Series 500
Hall Effect Incremental Rotary Shaft Encoders
Mechanical
Shaft Speed
4000 RPM maximum
Shaft Direction
Bidirectional
Standard Shaft Sizes (Dia.)
.2497", .3125"
Shaft Extension(s)
1.17" with .50x.05" flat
Mounting
Refer to dimensional drawings
Bearings
ABEC 7 Shielded
Radial Loading
15 lbs. Operating
Axial Loading
7 lbs. Operating
Accuracy
+1.0º of Shaft Rotation Typical
Housing
Black Anodized Aluminum
Weight
7 oz.
Connector (Side)
Wire Out (Strip/Tin or Mate-n-Lok)
Electrical
Pulse Rate
10 kHz
Outputs
NPN w/ pullup; NPN open collector; PNP sourcing
Output Rating
Open Collector Transistor
40 Vdc maximum
Supply Voltage
8 to 28 Vdc
5 Vdc with 5V TTL output
Supply Current
15 mA maximum
Current Sinking
250 mA maximum
Output Duty Cycle
50/50 w/ +20% typical tolerance
Rise/Fall Times
1 µsec typical
Environmental
Operating Temp.
-20º to +70º C (-4º to +158º F)
Shock
20 g’s for 11 Milliseconds
Vibration
5 to 1000 Hertz at 10 g’s
Enclosures
NEMA 12/13 equiv. — Dust-, Oil-Tight
• Enclosure: Low profile 3" L x 1.25" W x 2"
• NEMA 12/13 Dust-, Oil-tight
• Inherent Anti-Jitter Circuitry prevents false outputs
due to machine vibration
• Low Supply Current Requirement — 15 milliamps
typical per encoder, at 24Vdc
• Ideally suited for low PPR needs in dirty
environments, wide temperature ranges
Hercules Encoders
Specifications
Electrical Connections
Function
Supply Voltage (-)
A
Supply Voltage (+)
B
Channel “A”
D
Channel “B”
E
Cable Shield
S
For the latest specifications visit our website
www.herculesencoders.com


Similar Part No. - 523-AS06

ManufacturerPart #DatasheetDescription
logo
Box enclosures
523-12-BK BOX-523-12-BK Datasheet
246Kb / 2P
GRIP TECH HANDHELD ENCLOSURES
March 2006
523-12-TW BOX-523-12-TW Datasheet
246Kb / 2P
GRIP TECH HANDHELD ENCLOSURES
March 2006
logo
Precid-Dip Durtal SA
523-13-108-12-051-001 PREDIP-523-13-108-12-051-001 Datasheet
62Kb / 1P
Pin grid array sockets / interconnect receptacle and pin / solder tail Receptacle with wire-wrap posts
logo
Everlight Electronics C...
523-2SDRD EVERLIGHT-523-2SDRD Datasheet
101Kb / 6P
2.0*5.0mm Rectangle Type LED Lamps
523-2SDRD-S530-A3 EVERLIGHT-523-2SDRD-S530-A3 Datasheet
107Kb / 6P
2.0*5.0mm Rectangle Type LED Lamps
More results

Similar Description - 523-AS06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1321S-AQ030AQ12 ETC1-1321S-AQ030AQ12 Datasheet
138Kb / 2P
Hall Effect Incremental Rotary Shaft Encoders
2321S-AQ0600-AQ0120 ETC1-2321S-AQ0600-AQ0120 Datasheet
139Kb / 2P
Medium Duty Incremental Rotary Shaft Encoder
4111S-AS4096 ETC1-4111S-AS4096 Datasheet
124Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
4421S-AQ0600 ETC1-4421S-AQ0600 Datasheet
122Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
N25SA-112-AQ0600-AI ETC1-N25SA-112-AQ0600-AI Datasheet
259Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
N35T-335-KQ1000-KI ETC1-N35T-335-KQ1000-KI Datasheet
219Kb / 2P
Heavy Duty Incremental Rotary Shaft Encoder
logo
Baumer IVO GmbH & Co. K...
G1I0H IVO-G1I0H Datasheet
566Kb / 4P
Incremental encoders
GE355 IVO-GE355 Datasheet
526Kb / 4P
Incremental encoders
GI320 IVO-GI320 Datasheet
323Kb / 2P
Incremental encoders
GI341 IVO-GI341 Datasheet
576Kb / 4P
Incremental encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com