Electronic Components Datasheet Search
  English  ▼

X  

AD8665 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8665
Description  16 V, 4 MHz Rail-to-Rail Output Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8665 Datasheet HTML 7Page - Analog Devices AD8665 Datasheet HTML 8Page - Analog Devices AD8665 Datasheet HTML 9Page - Analog Devices AD8665 Datasheet HTML 10Page - Analog Devices AD8665 Datasheet HTML 11Page - Analog Devices AD8665 Datasheet HTML 12Page - Analog Devices AD8665 Datasheet HTML 13Page - Analog Devices AD8665 Datasheet HTML 14Page - Analog Devices AD8665 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 11 of 16
2.00
0
01
SUPPLY VOLTAGE (V)
TIME (4µs/DIV)
100mV
0V
0V
–2.5V
VDD =±2.5V
AV = –100
VOUT
VIN
6
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2468
10
12
14
Figure 37. Negative Overload Recovery Time
Figure 39. Supply Current vs. Supply Voltage
2.0
0
–40
120
TEMPERATURE (°C)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–20
0
20
40
60
80
100
VOUT = VDD/2
VDD = 16V
VDD = 5V
TIME (10µs/DIV)
VOUT
VIN
10
–10
8
6
4
2
0
–2
–4
–6
–8
VDD =±8V
AV = +1
Figure 40. No Output Phase Reversal
Figure 38. Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com