Electronic Components Datasheet Search
  English  ▼

X  

AD8667 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8667
Description  16V, 250 A Low Power, Low Noise Dual Precision CMOS Rail-to-Rail Output Operational Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8667 Datasheet(HTML) 2 Page - Analog Devices

  AD8667 Datasheet HTML 1Page - Analog Devices AD8667 Datasheet HTML 2Page - Analog Devices AD8667 Datasheet HTML 3Page - Analog Devices AD8667 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AD8667
Preliminary Technical Data
Rev. PrA | Page 2 of 4
ELECTRICAL CHARACTERISTICS
(VS=+5.0V, VCM = VS/2, TA=+25°C unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
VOS
VSY = 8V, VCM = 3V
100
μV
VCM = - 0.1V to 3.0V
30
300
μV
-40°< TA < +85°C
650
μV
-40°< TA < +125°C
750
μV
Input Bias Current
IB
0.3
1
pA
-40°< TA < +85°C
50
pA
-40°< TA < +125°C
300
pA
Input Offset Current
IOS
0.2
pA
-40°< TA < +85°C
20
pA
-40°< TA < +125°C
75
pA
Input Voltage Range
IVR
-0.1
3
V
Common-Mode Rejection Ratio
CMRR
VCM = -0.1V to 3.0V
80
95
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ VO= 0.5V to 4.5V
70
85
V/mV
Offset Voltage Drift
ΔVOS/ΔT
4
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
4.8
V
-40°C < TA < +125°C
4.6
V
Output Voltage Low
VOL
IL = 1mA
200
mV
-40°C < TA < +125°C
250
mV
Short Circuit Current
ISC
±5
mA
Closed Loop Output Impedance
ZOUT
f=100kHz, AV = 1
100
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 5 V to 16 V
80
95
dB
Supply Current/Amplifier
ISY
VO = 0V
250
μA
-40°< TA < +125°C
325
μA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =2 kΩ
0.2
V/
μs
Settling Time
ts
To 0.1%, 0 V to 1V step
μs
Gain Bandwidth Product
GBP
550
kHz
Phase Margin
Øo
60
degrees
NOISE PERFORMANCE
Peak-to-Peak Noise
en p-p
f=0.1Hz to 10 Hz
3.5
μV p-p
Voltage Noise Density
en
f=10kHz
20
nV/
√Hz
Voltage Noise Density
en
f=1kHz
23
nV/
√Hz
Current Noise Density
in
f=1kHz
pA/
√Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com