Electronic Components Datasheet Search
  English  ▼

X  

AD8676 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8676
Description  Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676 Datasheet(HTML) 4 Page - Analog Devices

  AD8676 Datasheet HTML 1Page - Analog Devices AD8676 Datasheet HTML 2Page - Analog Devices AD8676 Datasheet HTML 3Page - Analog Devices AD8676 Datasheet HTML 4Page - Analog Devices AD8676 Datasheet HTML 5Page - Analog Devices AD8676 Datasheet HTML 6Page - Analog Devices AD8676 Datasheet HTML 7Page - Analog Devices AD8676 Datasheet HTML 8Page - Analog Devices AD8676 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8676
Rev. 0 | Page 4 of 12
VS = ±15 V, VCM = 0 V, VO = 0 V, TA = +25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
B Grade (SOIC)
12
50
μV
B Grade (MSOP)
60
μV
A Grade (SOIC, MSOP)
100
μV
Offset Voltage
VOS
−40°C ≤ TA ≤ +125°C
B Grade (SOIC, MSOP)
15
160
μV
A Grade (SOIC, MSOP)
250
μV
Input Bias Current
IB
−2
−0.5
+2
nA
−40°C ≤ TA ≤ +125°C
−4.5
−1
+4.5
nA
Input Offset Current
IOS
−1
−0.1
+1
nA
−40°C ≤ TA ≤ +125°C
−2.8
−0.1
+2.8
nA
Input Voltage Range
−13.5
+13.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
111
130
dB
−40°C ≤ TA ≤ +125°C
107
130
dB
Open-Loop Gain
AVO
RL = 2 kΩ to ground,
1500
4000
V/mV
VO = −13.5 V to +13.5 V
−40°C ≤ TA ≤ +125°C
700
1700
V/mV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
0.2
0.6
μV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to ground
+14.65
+14.7
V
−40°C ≤ TA ≤ +125°C
+14.49
+14.59
V
Output Voltage Low
VOL
RL = 2 kΩ to ground
−14.88
−14.75
V
−40°C ≤ TA ≤ +125°C
−14.83
−14.69
V
Short-Circuit Limit
ISC
+40
mA
Output Current
IO
±20
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±5.0 V to ±15.0 V
106
120
dB
−40°C ≤ TA ≤ +125°C
106
120
dB
Supply Current/Amplifier
ISY
VO = 0 V
2.5
2.9
mA
−40°C ≤ TA ≤ +125°C
2.9
3.8
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 kΩ
2.5
V/μs
Gain Bandwidth Product
GBP
10
MHz
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
0.1
μV p-p
Voltage Noise Density
en
f = 1 kHz
2.8
nV/√Hz
Current Noise Density
in
f = 10 Hz
0.3
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com