Electronic Components Datasheet Search
  English  ▼

X  

AD8666ARZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8666ARZ
Description  16 V, 4 MHz Rail-to-Rail Output Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8666ARZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8666ARZ Datasheet HTML 8Page - Analog Devices AD8666ARZ Datasheet HTML 9Page - Analog Devices AD8666ARZ Datasheet HTML 10Page - Analog Devices AD8666ARZ Datasheet HTML 11Page - Analog Devices AD8666ARZ Datasheet HTML 12Page - Analog Devices AD8666ARZ Datasheet HTML 13Page - Analog Devices AD8666ARZ Datasheet HTML 14Page - Analog Devices AD8666ARZ Datasheet HTML 15Page - Analog Devices AD8666ARZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD8665/AD8666/AD8668
Rev. A | Page 13 of 16
PIN 1
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
5
12
3
4
0.22
0.08
10°
5°
0°
0.50
0.30
0.15 MAX
SEATING
PLANE
1.45 MAX
1.30
1.15
0.90
2.90 BSC
0.60
0.45
0.30
COMPLIANT TO JEDEC STANDARDS MO-178-AA
Figure 45. 5-Lead Small Outline Transistor Package [SOT-23]
(RJ-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8665ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8665ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8665ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8665ARJZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
1
AD8665ARJZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
1
AD8665ARJZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1B
1
AD8666ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8666ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8666ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
1
AD8666ARMZ-R2
−40°C to +125°C
8-Lead MSOP
RM-8
A16
1
AD8666ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A16
1
AD8668ARZ
−40°C to +125°C
14-Lead SOIC_N
R-14
1
AD8668ARZ-REEL
−40°C to +125°C
14-Lead SOIC_N
R-14
1
AD8668ARZ-REEL7
−40°C to +125°C
14-Lead SOIC_N
R-14
1
AD8668ARUZ
−40°C to +125°C
14-Lead TSSOP
RU-14
1
AD8668ARUZ-REEL
−40°C to +125°C
14-Lead TSSOP
RU-14
1
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com