Electronic Components Datasheet Search
  English  ▼

X  

HS-809 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HS-809
Description  ECL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-809 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-809 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-809 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
ECL
HS-800/810 Series
Description
The HS-800/810 Series of quartz crystal oscillators provide MECL 10K and 10KH series compatible signals
in industry standard four-pin DIP hermetic packages.. Systems designers may now specify space-saving,
cost-effective packaged ECL oscillators to meet their timing requirements.
Features
• Wide frequency range–15.0MHz to 250.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• MECL 10K and 10KH series compatible output
on Pin 8
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
Electrical Connection
HS-800
Pin
Connection
1
N.C.
7
V
CC /Ground
8
Output
14
V
EE -5.2V
HS-810
Pin
Connection
1
N.C.
7
V
EE -5.2V
8
Output
14
V
CC /Ground
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 9205A
Rev. M


Similar Part No. - HS-809

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-800 ETC-HS-800 Datasheet
257Kb / 2P
CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
HS-800 NEL-HS-800 Datasheet
297Kb / 2P
Crystal Clock Oscillators
HS-800 NEL-HS-800_10 Datasheet
61Kb / 2P
Systems designers may now specify space-saving
logo
Hitec RCD USA
HS-805BB HITEC-RCD-HS-805BB Datasheet
179Kb / 1P
Contact Analog Potentiometer
Ver2.1
HS-805MG HITEC-RCD-HS-805MG Datasheet
179Kb / 1P
Contact Analog Potentiometer
Ver2.1
More results

Similar Description - HS-809

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
logo
Zarlink Semiconductor I...
SP1648 ZARLINK-SP1648 Datasheet
184Kb / 7P
ECL OSCILLATOR
logo
List of Unclassifed Man...
HS-820 ETC-HS-820 Datasheet
257Kb / 2P
ECL-100K ECL Supplement
logo
Nel Frequency Controls,...
HA-A870 NEL-HA-A870 Datasheet
262Kb / 2P
Positive ECL (PECL)
SJ-2810 NEL-SJ-2810 Datasheet
263Kb / 2P
ECL
logo
Toshiba Semiconductor
TD6102P TOSHIBA-TD6102P Datasheet
608Kb / 7P
ECL PRESCALLER
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
Golledge Electronics Lt...
GXO-E93 GOLLEDGE-GXO-E93 Datasheet
65Kb / 1P
ECL/ PECL OSCILLATOR
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com