Electronic Components Datasheet Search
  English  ▼

X  

SD101AW Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SD101AW
Description  Small Signal Schottky Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD101AW Datasheet(HTML) 2 Page - Vishay Siliconix

  SD101AW Datasheet HTML 1Page - Vishay Siliconix SD101AW Datasheet HTML 2Page - Vishay Siliconix SD101AW Datasheet HTML 3Page - Vishay Siliconix SD101AW Datasheet HTML 4Page - Vishay Siliconix SD101AW Datasheet HTML 5Page - Vishay Siliconix SD101AW Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85679
Rev. 1.4, 16-Dec-05
SD101AW / 101BW / 101CW
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
3001)
K/W
Junction temperature
Tj
1251)
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 10 μA
SD101AW
V(BR)R
60
V
SD101BW
V(BR)R
50
V
SD101CW
V(BR)R
40
V
Leakage current
VR = 50 V
SD101AW
IR
200
nA
VR = 40 V
SD101BW
IR
200
nA
VR = 30 V
SD101CW
IR
200
nA
Forward voltage drop
IF = 1 mA
SD101AW
VF
0.41
V
SD101BW
VF
0.40
V
SD101CW
VF
0.39
V
IF = 15 mA
SD101AW
VF
1.0
V
SD101BW
VF
0.95
V
SD101CW
VF
0.90
V
Diode capacitance
VR = 0 V, f = 1 MHz
SD101AW
Ctot
2.0
pF
SD101BW
Ctot
2.1
pF
SD101CW
Ctot
2.2
pF
Reverse recovery time
IF = IR = 5 mA,
recover to 0.1 IR
trr
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com