Electronic Components Datasheet Search
  English  ▼

X  

BF720 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF720
Description  NPN high-voltage transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF720 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF720 Datasheet HTML 1Page - NXP Semiconductors BF720 Datasheet HTML 2Page - NXP Semiconductors BF720 Datasheet HTML 3Page - NXP Semiconductors BF720 Datasheet HTML 4Page - NXP Semiconductors BF720 Datasheet HTML 5Page - NXP Semiconductors BF720 Datasheet HTML 6Page - NXP Semiconductors BF720 Datasheet HTML 7Page - NXP Semiconductors BF720 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 21
2
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF720; BF722
FEATURES
• Low feedback capacitance.
APPLICATIONS
• Class-B video output stages of colour television
receivers
• General purpose high voltage circuits.
DESCRIPTION
NPN transistors in a SOT223 plastic package.
PNP complement: BF723.
PINNING
PIN
DESCRIPTION
1
base
2, 4
collector
3
emitter
Fig.1
Simplified outline (SOT223) and symbol.
handbook, halfpage
4
12
3
MAM287
Top view
3
2, 4
1
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on printed-circuit board, single sided copper, tinplated, mounting pad for collector
1cm2.For other mounting conditions, see
“Thermal considerations for SOT223 in the General Part of associated
Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF720
−
300
V
BF722
−
250
V
VCEO
collector-emitter voltage
open base
BF720
−
300
V
BF722
−
250
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.2
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com