Electronic Components Datasheet Search
  English  ▼

X  

ESM-CFH Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # ESM-CFH
Description  PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/ Core™ i7/i5/i3 Processors with CM246/QM370 Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ESM-CFH Datasheet(HTML) 1 Page - BCM Advanced Research.

  ESM-CFH Datasheet HTML 1Page - BCM Advanced Research. ESM-CFH Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Specifications
Display
Chipset
Intel® Coffee Lake Processor Integrated Graphics
Resolution
eDP 1.4 (optional): 4096x2304 @60Hz (only one display output)
HDMI 1.4: 4096x2160 @30Hz (only one display output)
DP 1.2 (supports DP++): 4096x2304 @60Hz (only one display
output)
LVDS (via eDP-to-LVDS IC): 1920x1080 @60Hz
VGA (via DP-to-VGA IC): 1920x1080 @60Hz
LVDS
Dual-channel 18/24-bit LVDS (LVDS via CH7511B)
Multi-Display
Supporting 3 independent and simultaneous display
LVDS (eDP) + VGA(HDMI) + DDI (HDMI or DP)
I/O
Display
HDMI 1.4
USB
4 x USB 3.2 Gen. 2 (10 Gbps) / USB 3.2 Gen.1
8 x USB 2.0 (EHCI)
GPIO
8-bit GPIO (Share with SDIO, Optional), WDG/HW monitor/FAN
Other
4 x SATAIII 6.0Gb/s (Support RAID0,1,5,10)
LPC, I2C, SPI, SMBus, 2 x UART(2-wire), SDIO (optional)
PICMG COM R3.0 Type 6 module, Intel® 9th/8th Gen Xeon®/
Core™ i7/i5/i3 Processors with CM246/QM370 Chipset
ESM-CFH
• PICMGCOMR3.0Type6modulewith9th/8thGenerationIntel®
Xeon®/Core™ i7 / i5 / i3 Processors
• Upto3x260-pinDDR4non-ECC/ECC2400/2133SODIMMwithup
to 96 GB
• Dual-channel18/24-bitLVDS,VGA,DP++/HDMI/DVI,optionaleDP
• FlexibleI/Osupportwith4xUSB3.2Gen.2,8xUSB2.0,Gen3PEG
x16, 8 x PCIe x1 & 4 x SATA III
• Intel®I219LMGigabitEthernetPHY
• 9V~19VWideRangeVoltageInput
• TPM2.0
• AMT12.0support
System
CPU
Mobile 9th Generation Intel® Xeon®, Core™, Pentium® and Cel-
eron® Processors - 14nm process
Intel® Xeon® E-2276ME 45W (35W cTDP), 6-Core(ECC/non-ECC)
Intel® Core™ i7-9850HE 45W (35W cTDP), 6-Core (non-ECC)
Intel® Core™ i5-8400H 45W (35W cTDP), 4-Core (non-ECC)
Intel® Core™ i3-9100HL 25W, 4-Core (ECC/non-ECC)
Note: CPU coolers are not included. Please see Ordering Info for
more details.
Chipset
CM246 (supports ECC memory, Intel® AMT and PEG configura-
tion)
QM370 (supports Intel® AMT and PEG configuration)
System Memory
Supports up to 3 x 260-pin DDR4-2400/2133 SODIMM with up to
96GB
Note:
ECC supported only on specific models with Xeon & Core i3 CPU
paired with CM246 Chipset
Supports both ECC and non-ECC memory
Audio
Intel® HD Audio
Ethernet
Intel® Gigabit Ethernet Controller I219-LM
BIOS
AMI uEFI BIOS, 128 Mbit SPI Flash ROM
iAMT 12.0 supported (only on specific models with Xeon/i7/i5
SKU)
I/O Chip
Nuvoton NCT6106D
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec.
H/W Status
Monitor
Monitoring System Temperature and Voltage with Auto
Throttling Control
Expansion
1 x PCIe x16 Gen 3 (configurable to 1 x PCIe x16, 2 Px CIe x8, or 1 Px
CIe x8 + 2 x PCIe x4)
8 x PCIe x1, configurable to x4 or x2
* 6 x PCIe x1 (PCIe 0~3 w/RST , PCIe 4,5 )
* 2 x PCIe x1 (PCIe 6, PCIe7 )
TPM
TPM 2.0
Supported OS
Microsoft® Windows 10 64-bit, Linux
2 x 260-pin
SO-DIMM sockets
Intel® CM246/QM370
Chipset
Intel® 9th/8th Gen Xeon® &
Core™ i7/i5/i3 Processors
3rd SO-DIMM Socket (back)


Similar Part No. - ESM-CFH

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
logo
Vecow Co., Ltd.
ESM-100 VECOW-ESM-100 Datasheet
260Kb / 1P
SUMIT Expansion Card with 3 Mini PCIe Slot, 3 SIM Socket, 1 USB 2.0, -25째C to 70째C
More results

Similar Description - ESM-CFH

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DPX-M1270 ADVANTECH-DPX-M1270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming System
22-Jan-2020
DPX-M270 ADVANTECH-DPX-M270 Datasheet
1Mb / 2P
Intel® 8th & 9th Generation Core™-i7/i5/i3 Embedded Multi-media Gaming Board
20-Jan-2020
SOM-5899 ADVANTECH-SOM-5899 Datasheet
531Kb / 3P
9th/8thGen Intel® Xeon®/Core™ Processors COM Express Basic Module Type 6
18-May-2022
logo
AAEON Technology
COM-CFHB6 AAEON-COM-CFHB6 Datasheet
503Kb / 2P
COM Express Type 6 Basic Size with 8th/9th Generation Intel® Core™ H-Series / Xeon™ Processors
2022/09/01
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
ECM-KBLH BCM-ECM-KBLH Datasheet
382Kb / 1P
7th Gen Intel® Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM175 Chipset
2022/02/24
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
ESM-KBLH BCM-ESM-KBLH Datasheet
407Kb / 1P
7th Gen Intel Core™ Processors i7/i5/i3 Type6 COMe Basic Module with Intel® QM175 Chipset
2021/02/12
ESM-TGH BCM-ESM-TGH Datasheet
497Kb / 2P
PICMG COM R3.0 Type 6 module, 11th Gen Intel® Xeon/ Core™ BGA Processor
02/02/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com