Electronic Components Datasheet Search
  English  ▼

X  

MX610H Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # MX610H
Description  Intel® H610E Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3 Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

MX610H Datasheet(HTML) 2 Page - BCM Advanced Research.

  MX610H Datasheet HTML 1Page - BCM Advanced Research. MX610H Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All product specifications and images are subject to change without notice. Last update:
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An Industry Leader in Industrial Motherboards
& Embedded Computing
BCMSales@bcmcom.com
(949) 470-1888
MX610H
12/28/2022
Ordering Info
MX610H
Intel® H610E Mini-ITX Motherboard, ATX Power
Included
1 x I/O Shield
Mechanical & Environment
Power
Connector
1 x 24-pin ATX Connector
1 x 8-pin ATX 12 Connector
Power Type
AT / ATX mode Switchable Through Jumper
Operating Temp.
0°C ~ 60°C (32°F ~ 140°F)
Storage Temp.
-20° C ~ 80° C (-4°F ~ 176°F)
Op. Humidity
5% to 90% non-condensing
Form Factor
Mini-ITX
Dimensions
6.7" x 6.7" (170mm x 170mm)
Weight
0.88 lbs (0.4 kg)
Certification
FCC Class B/CE
RoHS Compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com