Electronic Components Datasheet Search
  English  ▼

X  

WS82C55AP Datasheet(PDF) 25 Page - Wing Shing Computer Components

Part # WS82C55AP
Description  CMOS Programmable peripheral Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

WS82C55AP Datasheet(HTML) 25 Page - Wing Shing Computer Components

Back Button WS82C55AP Datasheet HTML 17Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 18Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 19Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 20Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 21Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 22Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 23Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 24Page - Wing Shing Computer Components WS82C55AP Datasheet HTML 25Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
(Unit : mm)
Notes for Mounting the Surface Mount Type Package
The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which
are very susceptible to heat in reflow mounting and humidity absorbed in storage.
Therefore, before you perform reflow mounting, contact responsible sales person for the
product name, package name, pin number, package code and desired mounting conditions
(reflow method, temperature and times).
Package material
Lead frame material
Pin treatment
Solder plate thickness
Package weight (g)
Epoxy resin
42 alloy
Solder plating
5
mm or more
0.41 TYP.
Mirror finish
25
WS82C55A
QFP-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com