Electronic Components Datasheet Search
  English  ▼

X  

131P Datasheet(PDF) 2 Page - Exxelia Group

Part # 131P
Description  Paper / Polyester Dielectric Extended Foil Electrodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

131P Datasheet(HTML) 2 Page - Exxelia Group

  131P Datasheet HTML 1Page - Exxelia Group 131P Datasheet HTML 2Page - Exxelia Group 131P Datasheet HTML 3Page - Exxelia Group 131P Datasheet HTML 4Page - Exxelia Group 131P Datasheet HTML 5Page - Exxelia Group 131P Datasheet HTML 6Page - Exxelia Group 131P Datasheet HTML 7Page - Exxelia Group 131P Datasheet HTML 8Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
staNdard ratiNGs
Capacitance
Voltage Code 200
200 VDC
Voltage Code 400
400 VDC
Voltage Code 600
600 VDC
Voltage Code 1k0
1,000 VDC
μF
Code
D
l
D
l
D
l
D
l
0.0010
102
-
-
-
-
0.235
0.750
0.400
0.875
0.0015
152
-
-
-
-
0.235
0.750
0.400
0.875
0.0022
222
-
-
-
-
0.235
0.750
0.400
0.875
0.0033
332
-
-
0.235
0.750
0.312
0.875
0.400
0.875
0.0047
472
0.235
0.750
0.235
0.750
0.312
0.875
0.400
0.875
0.0068
682
0.235
0.750
0.235
0.750
0.312
0.875
0.400
0.875
0.010
103
0.235
0.750
0.235
0.750
0.312
0.875
0.400
0.875
0.015
153
0.312
0.875
0.312
0.875
0.400
0.875
0.400
1.125
0.022
223
0.312
0.875
0.400
0.875
0.400
0.875
0.400
1.375
0.033
333
0.312
0.875
0.400
0.875
0.400
1.125
0.562
1.125
0.047
473
0.400
0.875
0.400
1.125
0.400
1.375
0.562
1.375
0.068
683
0.400
0.875
0.400
1.375
0.562
1.125
0.562
1.625
0.10
104
0.400
1.125
0.562
1.125
0.562
1.375
0.670
1.625
0.15
154
0.400
1.375
0.562
1.375
0.562
1.625
0.670
1.875
0.22
224
0.562
1.125
0.562
1.625
0.670
1.625
0.750
2.125
0.33
334
0.562
1.375
0.670
1.625
0.750
2.125
1.000
2.125
0.47
474
0.562
1.625
0.750
2.125
0.750
2.375
1.000
2.375
0.68
684
0.670
1.625
-
-
-
-
-
-
1.00
105
0.750
2.125
-
-
-
-
-
-
Additional capacitance values, voltages, and tolerances are available upon request.
* The dimensions shown are for style 02. The dimensions for other styles are included in the general section in the front of the catalog.
51
PaPer / Polyester dieleCtriC
eXteNded Foil eleCtrodes



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com