Electronic Components Datasheet Search
  English  ▼

X  

ICS-6280 Datasheet(PDF) 1 Page - AAEON Technology

Part # ICS-6280
Description  DIN Rail 4 LAN Ports Industrial-Grade Network Appliance with Intel® Elkhart Lake Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

ICS-6280 Datasheet(HTML) 1 Page - AAEON Technology

  ICS-6280 Datasheet HTML 1Page - AAEON Technology ICS-6280 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
03-3
0
3
Note: All specifications are subject to change without notice.
www.aaeon.com
Features
Specifications
DIN Rail 4 LAN Ports Industrial-Grade Network Appliance with Intel® Elkhart Lake Platform
ICS-6280
Front View
Rear View
DIN-Rail Mount
System
Form Factor
DIN Rail/ Desktop
Processor
Intel® Elkhart lake SoC Processor, 2~4 cores
System Memory
260-pin DDR4 3200Mhz SODIMM with IBECC support x 1
Chipset
SoC
Ethernet
Intel® i210AT Gigabit Ethernet x 4
Bypass
Supports upto 2 Pairs LAN Bypass (Optional)
BIOS
AMI SPI Flash BIOS
Serial ATA
SATA III port x 1 for 2.5”SSD support
CFast/mSATA
mSATA (Full size) socket colay SATAIII port x 1
Expansion Interface
Supports Mini-card slot x 1 with Micro SIM socket
USB
USB 3.2 Gen 1 x 2
Serial Port
Supports up to RS-232/422/485 COM Port x 2
Watchdog Timer
1~255 steps by software programmable
RTC
Internal RTC
System Fan
Fanless
Color
Black
Power Supply
Dual 2-Pin Phoenix terminal block
Dimension
5.12” x 4.96” x 2.83” (130mm x 126mm x 72mm)
Power Requirement
Redundant 9~48Vdc power input
MTBF (Hours)
TBD
Display
Chipset
Intel® HD Graphics
Interface
HDMI port x 1, VGA port x 1
I/O
Front I/O Panel
RJ-45 GbE x 4
RS-232/422/485 COM Ports x 2
HDMI portx1
VGA port x 1
USB 3.2 Gen 1 x 2
Micro SIM slot x 1
Software programmable button x 1
Power LED x 1
HDD LED x 1
Status LED x 1
Rear I/O Panel
DIN Rail/ Wallmount Lock
Top Panel
2-Pin Terminal Block +9~46VDC x 2
Environmental Parameters and Dimension
Operating Temperature
-40°F ~ 167°F (-40°C ~ 75°C)
Storage Temperature
-40°F ~ 185°F (-40°C ~ 85°C)
Operating Humidity
10% ~ 80% relative humidity, non-condensing
Storage Humidity
10% ~ 80% @40°C; non-condensing
Vibration
0.5 g rms/ 5 ~ 500Hz / operation (2.5” SSD)
1.5 g rms/ 5 ~ 500Hz / non operation
Shock
10 G peak acceleration (11 m sec. duration), operation
20 G peak acceleration (11 m sec. duration), non operation
■ Intel® Elkhart lake SoC Processor, 2~4 cores
■ 10/100/1000Base-TX Ethernet x 4
■ Supports upto 2 Pairs LAN Bypass (Optional)
■ 260-pin DDR4 3200Mhz SODIMM with IBECC support x 1
■ Support mini-card socket x 1, Micro SIM socket x 1
■ 9~48Vdc power redundancy input with terminal block x 2
■ 2.5” SATA SSD x 1 support
■ Support upto RS-232/422/485 COM ports x 2 (COM2 with isolation)
with ESD Protection
■ HDMI port x 1, USB 3.2 ports x 2, VGA port x 1
■ Wide-Temp -40°C ~ 75°C Fanless Solution
USB 3.2 Gen 1
2022/12/02


Similar Part No. - ICS-6280

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICS-628-T ADAM-TECH-ICS-628-T Datasheet
104Kb / 1P
IC SOCKETS SINGLE & DUAL ROW .100 [2.54] CENTERLINE
More results

Similar Description - ICS-6280

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FWS-2300 AAEON-FWS-2300 Datasheet
291Kb / 2P
Desktop Intel Pentium M/ Celeron M Network Appliance With 4 LAN Ports
logo
Advantech Co., Ltd.
FWA-1011 ADVANTECH-FWA-1011 Datasheet
506Kb / 2P
Tabletop Network Appliance with Intel Celeron짰 J3455/J3355 processor Platform with 6GbE LAN Ports
8-Apr-2019
logo
BCM Advanced Research.
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
FWS-2272 AAEON-FWS-2272 Datasheet
415Kb / 2P
Desktop 4 LAN Ports Network Appliance with Intel® Celeron® N3350 Processor SoC
2022/07/18
FWS-2273 AAEON-FWS-2273 Datasheet
327Kb / 2P
Desktop 6 LAN Ports Network Appliance with Intel® Celeron® N3350 Processor SoC
FWS-2275 AAEON-FWS-2275 Datasheet
588Kb / 2P
Desktop 3 LAN Ports Network Appliance with Intel® Celeron® Processor N3350
FWS-2276 AAEON-FWS-2276 Datasheet
366Kb / 2P
Desktop 4 LAN Ports Network Appliance with Intel® Celeron® Processor N3350
FWS-2280 AAEON-FWS-2280 Datasheet
308Kb / 2P
Desktop Network Appliance with Intel® Elkhart Lake Processor
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
ICS-6270 AAEON-ICS-6270 Datasheet
363Kb / 2P
DIN Rail 6 LAN Ports Industrial-Grade Network Appliance with Intel® Celeron® N3350 Processor SoC
2022/12/02
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com