Electronic Components Datasheet Search
  English  ▼

X  

P0470JD Datasheet(PDF) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

Part # P0470JD
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Direct Link  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P0470JD Datasheet(HTML) 2 Page - NIKO SEMICONDUCTOR CO., LTD.

  P0470JD Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P0470JD Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P0470JD Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P0470JD Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REV1.0
2
M-27-3
N-Channel Enhancement Mode
Field Effect Transistor
P0470JD
TO-252
Halogen-Free & Lead-Free
NIKO-SEM
ELECTRICAL CHARACTERISTICS (TJ = 25 ° C, Unless Otherwise Noted)
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
TYP MAX
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250A
700
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250A
2
3.3
4
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±30V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 700V, VGS = 0V
1
A
VDS = 560V, VGS = 0V, TJ = 100 ° C
10
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 2A
1.4
1.63
Ω
Forward Transconductance
1
gfs
VDS = 15V, ID = 2A
2.9
S
DYNAMIC
Input Capacitance
Ciss
VGS = 0V, VDS = 100V, f = 250KHz
228
pF
Output Capacitance
Coss
22
Reverse Transfer Capacitance
Crss
4.5
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
21
Ω
Total Gate Charge
2
Qg
VDS =560V, VGS = 10V, ID = 2 A
9.8
nC
Gate-Source Charge
2
Qgs
1.4
Gate-Drain Charge
2
Qgd
5.1
Turn-On Delay Time
2
td(on)
VDD = 350V,
ID  2A, VGS = 10V, RGEN =25Ω
15
nS
Rise Time
2
tr
29
Turn-Off Delay Time
2
td(off)
44
Fall Time
2
tf
69
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
Continuous Current
IS
4
A
Forward Voltage
1
VSD
IF = 4A , VGS = 0V
1.2
V
Reverse Recovery Time
trr
IF = 2A , dIF/dt= 100A/μs
191
nS
Reverse Recovery Charge
Qrr
1.1
uC
1Pulse test : Pulse Width
 300 sec, Duty Cycle  2%.
2Independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com