Electronic Components Datasheet Search
  English  ▼

X  

HSMS-2802 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMS-2802
Description  Surface Mount RF Schottky Barrier Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2802 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMS-2802 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2802 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Typical Performance, T
C = 25
°C (unless otherwise noted), Single Diode
0
0.1
0.3
0.2
0.5 0.6
0.4
0.8
0.7
0.9
VF – FORWARD VOLTAGE (V)
Figure 1. Forward Current vs.
Forward Voltage at Temperatures.
0.01
10
1
0.1
100
T
A = +125°C
T
A = +75°C
T
A = +25°C
T
A = –25°C
Figure 2. Reverse Current vs.
Reverse Voltage at Temperatures.
010
20
30
50
40
VR – REVERSE VOLTAGE (V)
1
1000
100
10
100,000
10,000
T
A = +125°C
T
A = +75°C
T
A = +25°C
Figure 3. Dynamic Resistance vs.
Forward Current.
0.1
1
100
IF – FORWARD CURRENT (mA)
10
1
10
1000
100
Figure 4. Total Capacitance vs.
Reverse Voltage.
010
20
30
50
40
VR – REVERSE VOLTAGE (V)
0
1.5
1
0.5
2
VF - FORWARD VOLTAGE (V)
Figure 5. Typical Vf Match, Pairs and
Quads.
30
10
1
0.3
30
10
1
0.3
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IF (Left Scale)
∆V
F (Right Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com