Electronic Components Datasheet Search
  English  ▼

X  

HSMS-2804 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMS-2804
Description  Surface Mount RF Schottky Barrier Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2804 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMS-2804 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2804 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Table 1. Typical SPICE Parameters.
Parameter
Units
HSMS-280x
HSMS-281x
HSMS-282x
BV
V75
25
15
CJ0
pF
1.6
1.1
0.7
EG
eV
0.69
0.69
0.69
IBV
A
1 E-5
1 E-5
1 E-4
IS
A
3 E-8
4.8 E-9
2.2 E-8
N
1.08
1.08
1.08
RS
Ω
30
10
6.0
PB (VJ)
V
0.65
0.65
0.65
PT (XTI)
2
2
2
M
0.5
0.5
0.5
Applications Information
Introduction —
Product Selection
Agilent’s family of Schottky
products provides unique solu-
tions to many design problems.
The first step in choosing the right
product is to select the diode type.
All of the products in the
HSMS-280x family use the same
diode chip, and the same is true of
the HSMS-281x and HSMS-282x
families. Each family has a
different set of characteristics
which can be compared most
easily by consulting the SPICE
parameters in Table 1.
A review of these data shows that
the HSMS-280x family has the
highest breakdown voltage, but at
the expense of a high value of
series resistance (Rs). In applica-
tions which do not require high
voltage the HSMS-282x family,
with a lower value of series
resistance, will offer higher
current carrying capacity and
better performance. The HSMS-
281x family is a hybrid Schottky
(as is the HSMS-280x), offering
lower 1/f or flicker noise than the
HSMS-282x family.
In general, the HSMS-282x family
should be the designer’s first
choice, with the -280x family
reserved for high voltage applica-
tions and the HSMS-281x family
for low flicker noise applications.
Assembly Instructions
SOT-323 PCB Footprint
A recommended PCB pad layout
for the miniature SOT-323 (SC-70)
package is shown in Figure 6
(dimensions are in inches). This
layout provides ample allowance
for package placement by auto-
mated assembly equipment
without adding parasitics that
could impair the performance.
0.026
0.035
0.07
0.016
Figure 6. PCB Pad Layout
(dimensions in inches).
Assembly Instructions
SOT-363 PCB Footprint
A recommended PCB pad layout
for the miniature SOT-363 (SC-70,
6 lead) package is shown in
Figure 7 (dimensions are in
inches). This layout provides
ample allowance for package
placement by automated assembly
equipment without adding
parasitics that could impair the
performance.
0.026
0.075
0.016
0.035
Figure 7. PCB Pad Layout
(dimensions in inches).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com