Electronic Components Datasheet Search
  English  ▼

X  

CEC5X Datasheet(PDF) 1 Page - Exxelia Group

Part # CEC5X
Description  High Capacitance Stacked Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CEC5X Datasheet(HTML) 1 Page - Exxelia Group

  CEC5X Datasheet HTML 1Page - Exxelia Group CEC5X Datasheet HTML 2Page - Exxelia Group CEC5X Datasheet HTML 3Page - Exxelia Group CEC5X Datasheet HTML 4Page - Exxelia Group CEC5X Datasheet HTML 5Page - Exxelia Group CEC5X Datasheet HTML 6Page - Exxelia Group CEC5X Datasheet HTML 7Page - Exxelia Group CEC5X Datasheet HTML 8Page - Exxelia Group CEC5X Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
96
www.exxelia.com
Taping : dimensions
Page revised 02/21
FEATURES
• Multilayer chips ceramic capacitors
• NPO dielectric
• Capacitance range: 10nF to 6.8
µF
• Voltage range: 63 VDC to 500 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
• P, PL, L models: DIL leaded uncoated stacked chips ca-
pacitors for surface mounting recommended to eliminate
thermomechanical stresses.
• N, NU models: DIL leaded stacked chips capacitors for
through-hole circuits (N: varnished, NU: uncoated chips)
• They can be supplied on request in ribbon connection
configuration ideally suited to iron soldering
MARKING (clear or coded)
Series, Capacitance value, tolerance, rated voltage, date
code.
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
Maximum ∆C/°C over temperature range without voltage
NA
Temperature coefficient
(0±30)ppm/°C
Ageing
None
Operating temperature
–55°C to +125°C
Rated voltage (URC)
63 VDC to 500 VDC
Dielectric withstanding voltage
2.5 URC for URC < 500 VDC
2 URC for URC = 500 VDC
Capacitance
at 1kHz
Dissipation factor
≤ 0.15% at 1kHz
Insulation resistance at 25°C under URC
≥ 1,000 MΩ.
µF
CEC5X Series
High Capacitance Stacked Capacitors
HOW TO ORDER
CEC
53
P
W
F
120nF
±10%
200 V
Series
Exxelia size code
Model
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
CEC
53
54
55
56
57
58
65
P
PL
L
N
NU
- = No RoHS
W = RoHS
compliant
- = standard quality level
F = Hi-Rel quality:
screening in accordance
with Exxelia specification
Capacitance value
in clear
±1%
±2%
±5%
±10%
±20%
63V
100V
200V
500V
ESA Qualified
According to
Available space ranges:
consult our detail
specifications


Similar Part No. - CEC5X

ManufacturerPart #DatasheetDescription
logo
Clarke International
CEC500DS CLARKE-CEC500DS Datasheet
2Mb / 8P
ENGINE SUPPORT
GC0813
More results

Similar Description - CEC5X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3YB0J226M PANASONIC-ECJ-3YB0J226M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-2YF1A475Z PANASONIC-ECJ-2YF1A475Z Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
ECJ-1VB0J225K PANASONIC-ECJ-1VB0J225K Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-3FB1E474K PANASONIC-ECJ-3FB1E474K Datasheet
321Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-0EB0J225M PANASONIC-ECJ-0EB0J225M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors(High Capacitance)
ECJ-2FB0J106M PANASONIC-ECJ-2FB0J106M Datasheet
319Kb / 6P
Multilayer Ceramic Capacitors (High Capacitance)
logo
Exxelia Group
CNC3X EXXELIA-CNC3X Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
CSSERIES EXXELIA-CSSERIES Datasheet
811Kb / 18P
High Voltage Stacked Capacitors
Page revised 02/21
TEP EXXELIA-TEP Datasheet
2Mb / 17P
High Capacitance Stacked Capacitors
02/21
TCN8X EXXELIA-TCN8X Datasheet
2Mb / 17P
High Capacitance Molded Stacked Capacitors
revised 02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com