Electronic Components Datasheet Search
  English  ▼

X  

LP2985 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2985 Datasheet HTML 9Page - Texas Instruments LP2985 Datasheet HTML 10Page - Texas Instruments LP2985 Datasheet HTML 11Page - Texas Instruments LP2985 Datasheet HTML 12Page - Texas Instruments LP2985 Datasheet HTML 13Page - Texas Instruments LP2985 Datasheet HTML 14Page - Texas Instruments LP2985 Datasheet HTML 15Page - Texas Instruments LP2985 Datasheet HTML 16Page - Texas Instruments LP2985 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
VIN = 5 V
V0 = 3.3 V
C0 = 4.7 uF
Cbyp = 10 nF
1 mA
10 mA
100 mA
Figure 6-25. Ripple Rejection vs Frequency for New Chip
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency − (Hz)
Ci = 1 mF
Co = 10 mF
VO = 3.3 V
10 mA
100 mA
1 mA
Figure 6-26. Output Impedance vs Frequency for Legacy Chip
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency − (Hz)
Ci = 1 mF
Co = 4.7 mF
VO = 3.3 V
10 mA
100 mA
1 mA
Figure 6-27. Output Impedance vs Frequency for Legacy Chip
0.01
0.1
1
10
100
1k
10k
100k
Frequency − (Hz)
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
ILOAD = 150 mA
Figure 6-28. Output Noise Density vs Frequency for Legacy
Chip
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
CBYP
100 pF
1 nF
10 nF
Figure 6-29. Output Noise Density vs Frequency for New Chip
0.01
0.1
1
10
100
1k
10k
100k
Frequency − (Hz)
ILOAD = 1 mA
Cbyp = 1 nF
Cbyp = 10 nF
Cbyp = 100 pF
Figure 6-30. Output Noise Density vs Frequency for Legacy
Chip
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com