Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG107 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ICS9FG107
Description  Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9FG107 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ICS9FG107 Datasheet HTML 7Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 8Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 9Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 10Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 11Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 12Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 13Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 14Page - Renesas Technology Corp ICS9FG107 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IDTTM/ICSTM Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
ICS9FG107
REV F 08/21/07
ICS9FG107
Programmable FTG for Differential P4
TM CPU, PCI-Express & SATA Clocks
11
Electrical Characteristics - DIF 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF, RS=33.2Ω, RP=49.9Ω, ΙREF = 475Ω
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
1
VO = Vx
3000
Ω
1
Voltage HighVHigh
660
850
1
Voltage Low
VLow
-150
150
1
Max Voltage
Vovs
1150
1
Min VoltageVuds
-300
1
Crossing Voltage (abs)
Vcross(abs)
250
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all edges
140
mV
1
Long Accuracy
ppmsee Tperiod min-max values
-300
300
ppm1,2
400MHz nominal
2.4993
2.5008
ns
2
400MHz spread
2.4993
2.5133
ns
2,3
333.33MHz nominal
2.9991
3.0009
ns
2
333.33MHz spread
2.9991
3.016
ns
2,3
266.66MHz nominal
3.7489
3.7511
ns
2
266.66MHz spread
3.7489
3.77
ns
2,3
200MHz nominal
4.9985
5.0015
ns
2
200MHz spread
4.9985
5.0266
ns
2,3
166.66MHz nominal
5.9982
6.0018
ns
2
166.66MHz spread
5.9982
6.0320
ns
2,3
133.33MHz nominal
7.4978
7.5023
ns
2
133.33MHz spread
7.4978
5.4000
ns
2,3
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2,3
400MHz nominal/spread
2.4143
ns
1,2
333.33MHz nominal/spread
2.9141
ns
1,2
266.66MHz nominal/spread
3.6639
ns
1,2
200MHz nominal/spread
4.8735
ns
1,2
166.66MHz nominal/spread
5.8732
ns
1,2
133.33MHz nominal/spread
7.3728
ns
1,2
100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
700
ps
1
Rise Time Variation
d-tr
125
ps
1
Fall Time Variation
d-tf
125
ps
1
Duty Cycle
dt3
Measurement from differential wavefrom
45
55
%
1
Measurement from differential wavefrom
f not equal 266 MHz
50
ps
1
Measurement from differential wavefrom
f = 266 MHz
85
ps
1
1Guaranteed by design and characterization, not 100% tested in production.
3 Figures are for down spread.
Statistical measurement on single ended
signal using oscilloscope math function.
Jitter, Cycle to cycle
tjcyc-cyc
mV
Measurement on single ended signal using
absolute value.
mV
Tabsmin
Average period
Tperiod
Absolute min period
2 All Long Term Accuracy and Clock Period specifications are guaranteed assuming that REFOUT is at 14.31818MHz or 25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com