Electronic Components Datasheet Search
  English  ▼

X  

9LPR501 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 9LPR501
Description  64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9LPR501 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 9LPR501 Datasheet HTML 14Page - Renesas Technology Corp 9LPR501 Datasheet HTML 15Page - Renesas Technology Corp 9LPR501 Datasheet HTML 16Page - Renesas Technology Corp 9LPR501 Datasheet HTML 17Page - Renesas Technology Corp 9LPR501 Datasheet HTML 18Page - Renesas Technology Corp 9LPR501 Datasheet HTML 19Page - Renesas Technology Corp 9LPR501 Datasheet HTML 20Page - Renesas Technology Corp 9LPR501 Datasheet HTML 21Page - Renesas Technology Corp 9LPR501 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
IDTTM/ICSTM
64-pin CK505 w/Fully Integrated Voltage Regulator
1118N—05/19/11
Advance Information
ICS9LPR501
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
20
Datasheet
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
a
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.17
0.27
.007
.011
c
0.09
0.20
.0035
.008
D
E
E1
6.00
6.20
.236
.244
e
L
0.45
0.75
.018
.030
N
α
0°
8°
0°
8°
aaa
--
0.10
--
.004
VARIATIONS
MIN
MAX
MIN
MAX
64
16.90
17.10
.665
.673
10-0039
N
D mm.
D (inch)
Reference Doc.: JEDEC Publication 95, MO-153
0.50 BASIC
0.020 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
8.10 BASIC
0.319 BASIC
6.10 mm. Body, 0.50 mm. Pitch TSSOP
(240 mil)
(20 mil)
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS
COMMON DIMENSIONS
Ordering Information
Part / Order Number Shipping Packaging
Package
Temperature
9LPR501SGLF
Tubes
64-pin TSSOP
0 to +70° C
9LPR501SGLFT
Tape and Reel
64-pin TSSOP
0 to +70° C
“LF” suffix to the part number are the Pb-Free configuration, RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com