Electronic Components Datasheet Search
  English  ▼

X  

ICS9LPR502 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # ICS9LPR502
Description  56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9LPR502 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button ICS9LPR502 Datasheet HTML 11Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 12Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 13Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 14Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 15Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 16Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 17Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 18Page - Renesas Technology Corp ICS9LPR502 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
IDTTM/ICSTM
56-pin CK505 w/Fully Integrated Voltage Regulator
1124D—02/26/09
Advance Information
ICS9LPR502
56-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
15
Datasheet
Electrical Characteristics - REF-14.318MHz
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Notes
Long Accuracy
ppm
see Tperiod min-max values
-100
100
ppm
2, 4
Clock period
Tperiod
14.318MHz output nominal
69.82033
69.86224
ns
2, 3
Absolute min/max period
Tabs
14.318MHz output nominal
69.83400
70.84800
ns
2
CLK High Time
THIGH
29.97543
38.46654
V
CLK Low time
TLOW
29.57543
38.26654
V
Output High Voltage
VOH
IOH = -1 mA
2.4
V
Output Low Voltage
VOL
IOL = 1 mA
0.4
V
Output High Current
IOH
VOH @MIN = 1.0 V,
VOH@MAX = 3.135 V
-33
-33
mA
Output Low Current
IOL
VOL @MIN = 1.95 V,
VOL @MAX = 0.4 V
30
38
mA
Rising Edge Slew Rate
tSLR
Measured from 0.8 to 2.0 V
1
4
V/ns
1
Falling Edge Slew Rate
tFLR
Measured from 2.0 to 0.8 V
1
4
V/ns
1
Duty Cycle
dt1
VT = 1.5 V
45
55
%
2
Jitter, Cycle to cycle
tjcyc-cyc
VT = 1.5 V
1000
ps
2
1Edge rate in system is measured from 0.8V to 2.0V.
2 Duty cycle, Peroid and Jitter are measured with respect to 1.5V
3 The average period over any 1us period of time
4 Using frequency counter with the measurment interval equal or greater that 0.15s, target frequencies are 14.318180 MHz, 33.333333MHz and 48.000000MHz
NOTES on SE outputs: (unless otherwise noted, guaranteed by design and characterization, not 100% tested in production).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com