Electronic Components Datasheet Search
  English  ▼

X  

BFR Datasheet(PDF) 1 Page - ITT Industries

Part # BFR
Description  Aerospace Avionic Equipment Geological Exploration
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BFR Datasheet(HTML) 1 Page - ITT Industries

  BFR Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
Circular; MIL-DTL-5015
BFR/TBF
TheBulkheadFitting(BFR)receptacleand
Thru-Bulkhead Fitting (TBF) receptacle
are pressurized bulkhead connectors
which are compatible with standard MS type
plugs
(3106,
3107
and
3108)
with
corresponding size and contact arrangements.
Both connectors offer resilient insulators.
Applications:
• Aerospace
• Avionic Equipment
• Geological Exploration
• Medical Equipment
• Military
• Panel-to-Board
• Radar
• Satellites
• An O-ring is supplied on both BFR and TBF
connectors.
• TBF series has double-faced construction
which allows mating from both ends.
• Resilient insulators.
• Threaded coupling.
Performance Specifications
Air Leakage Rate
1 in.3/hr max. when subjected to a pressure
differential of 30 psi at –55°C (–67°F)
Contact Termination
Solder Cup
Coupling
Threaded, Reversed Bayonet
Polarization
Key/Keyway
Shell Style
Receptacle, Jam Nut
Receptacle, Thru-Bulkhead
Size or Length
17 sizes; Coupling thread diameter in sixteenths of an inch
Materials and Finishes
Description
Material
Finish
Shell
Aluminum Alloy
Olive Drab over Cadmium
Insulator (Resilient)
Polychloroprene
—
Contact
Brass or Copper Alloy
Silver or Gold
O-Ring
Neoprene
—
Jam Nut (BFR only)
Aluminum Alloy
Olive Drab over Cadmium
Product Features
D-01
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
For more information: www.ittcannon.com/cat106
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - BFR

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
BFR1 CENTRAL-BFR1 Datasheet
33Kb / 1P
Small Signal Transistors
logo
Cooper Bussmann, Inc.
BFR1-3K/LL COOPER-BFR1-3K/LL Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFR1-3K/LM/C COOPER-BFR1-3K/LM/C Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
BFR1-3K/LW COOPER-BFR1-3K/LW Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
BFR10 ETC1-BFR10 Datasheet
146Kb / 1P
Medium Power Amplifiers and Switches
More results

Similar Description - BFR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-ZD ITT-PCB-ZD Datasheet
62Kb / 1P
D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
D20419-80 ITT-D20419-80 Datasheet
8Mb / 386P
Military/Aerospace
logo
Glenair, Inc.
963-003 GLENAIR-963-003 Datasheet
172Kb / 1P
Avionic Cat 6a Ethernet Cable
logo
Pulse A Technitrol Comp...
T-330SCT PULSE-T-330SCT Datasheet
377Kb / 4P
MILITARY/AEROSPACE
logo
Power System Technology
FAB0801004 PST-FAB0801004 Datasheet
279Kb / 3P
Avionic and hard environment
FAB0910001 PST-FAB0910001 Datasheet
649Kb / 3P
Avionic and hard environment
logo
List of Unclassifed Man...
NAS1193 ETC2-NAS1193 Datasheet
236Kb / 4P
NATIONAL AEROSPACE STANDARD
NAS6603 ETC2-NAS6603 Datasheet
419Kb / 6P
NATIONAL AEROSPACE STANDARD
AS17A ETC-AS17A Datasheet
208Kb / 3P
Aerospace Pressure Transducer
June 2008
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com