Electronic Components Datasheet Search
  English  ▼

X  

FPA Datasheet(PDF) 1 Page - ITT Industries

Part # FPA
Description  Fiber Optic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FPA Datasheet(HTML) 1 Page - ITT Industries

  FPA Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
G-03
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
Fiber Optic
FPA
The Fiber Optic PatchCord Assemblies
(FPA) series are available in single-
mode and multi-mode, in simplex and
duplex. They are manufactured and tested to
industry standards. They are in accordance to
Telcordia, TIA/EIA, and IEC specifications.
FPA cable assemblies are available in
Premium and Standard performance levels.
The Premium performance grade cable
offering is for applications requiring high-
performance. The Standard performance
grade cable offering is for applications where
cost is of most concern.
Applications:
• Fast Ethernet, Data Communications LAN
and WAN
• High-Speed Enterprise Servers
• Multiplexors, Switches, and Routers
• Optical Access and ATM Networks
Equipment
• Optical Transport and Telecommunications
Switching Equipment
• FPA are available in 3 mm dia. cable
with industry standard connectors in the
LC, SC, ST, and FC single channel
connector types. VF-45 and MT-RJ are also
available. LC/LC assemblies are with 900 µm
buffered fiber (Un-ruggedized), 1.6 dia. and
3 mm dia. jacket optional (Ruggedized).
• Premium performance grade cables offer
low-loss superior performance at
competitive prices for optimum value to
customers:
– Ultra PC polish (3U grade-Ultra Physical
Contact polish)
– Angled PC polish (3A grade-Angle
Physical Contact polish)
• Standard performance grade cables for cost
conscious applications:
– PC polish (5P grade-Physical Contact
polish)
• Single-mode (Yellow Jacketed-8.3/125 µm)
cables are manufactured in PC, UPC, and
APC polish versions.
• Multi-mode (Orange Jacketed-62.5/125 µm
ZipCord) is standard for FPA cable assemblies.
Multi-mode 50/125 µm fiber is optional.
• UL-listed OFNR Riser rated jacket. Optional
UL-listed OFNP Plenum rated cable jacket for
routing under computer room floors and in
air circulating ducts.
• Standard FPA offering in 1 m, 2 m, 3 m,
5 m and 10 m lengths. Optional non-
standard cable lengths and a variety of
other connector types. Patch cord
assemblies with various connector type
pairings are also available.
• Meets TIA/EIA 568 specifications.
Compliance with Telcordia GR-326-CORE
also available.
• All assemblies are 100% tested for optical
attenuation performance.
• Cost effective custom cable assemblies in
special lengths and/or connectors built to
customer specific configuration.
Performance Specifications
Single-mode
PC (5P)
Insertion Loss: ≤ 0.5 dB, Return Loss: ≥ –35 dB
UPC (3U)
Insertion Loss: ≤ 0.3 dB, Return Loss: ≥ –55 dB
APC (3A)
Insertion Loss: ≤ 0.3 dB, Return Loss: ≥ –65 dB
Multi-mode
PC (5P)
Insertion Loss: ≤ 0.5 dB
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs
Product Features
For more information: www.ittcannon.com/cat297


Similar Part No. - FPA

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
FPA SHIELD-FPA Datasheet
287Kb / 2P
MAGNETIC SWITCHES
logo
M-System Co.,Ltd.
FPA MSYSTEM-FPA Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA-10-K MSYSTEM-FPA-10-K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA-10-K/Q MSYSTEM-FPA-10-K/Q Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FPA-10-L MSYSTEM-FPA-10-L Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FPA

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
Fiber Optic Transmitter
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
Fiber Optic Receiver
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
Omron Electronics LLC
E39 OMRON-E39 Datasheet
432Kb / 6P
Fiber-Optic Accessories
logo
TT Electronics.
OPF370 TTELEC-OPF370 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF397 TTELEC-OPF397 Datasheet
502Kb / 4P
Fiber Optic Transmitter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com