Electronic Components Datasheet Search
  English  ▼

X  

BF904R Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF904R
Description  N-channel dual gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF904R Datasheet(HTML) 2 Page - NXP Semiconductors

  BF904R Datasheet HTML 1Page - NXP Semiconductors BF904R Datasheet HTML 2Page - NXP Semiconductors BF904R Datasheet HTML 3Page - NXP Semiconductors BF904R Datasheet HTML 4Page - NXP Semiconductors BF904R Datasheet HTML 5Page - NXP Semiconductors BF904R Datasheet HTML 6Page - NXP Semiconductors BF904R Datasheet HTML 7Page - NXP Semiconductors BF904R Datasheet HTML 8Page - NXP Semiconductors BF904R Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 May 17
2
Philips Semiconductors
Product specification
N-channel dual gate MOS-FETs
BF904; BF904R
FEATURES
• Specially designed for use at 5 V supply voltage
• Short channel transistor with high transfer admittance to
input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz
• Superior cross-modulation performance during AGC.
APPLICATIONS
• VHF and UHF applications with 3 to 7 V supply voltage
such as television tuners and professional
communications equipment.
DESCRIPTION
Enhancement type field-effect transistor in a plastic
microminiature SOT143B and SOT143R package. The
transistor consists of an amplifier MOS-FET with source
and substrate interconnected and an internal bias circuit to
ensure good cross-modulation performance during AGC.
PINNING
CAUTION
This product is supplied in anti-static packing to
prevent damage caused by electrostatic discharge
during transport and handling. For further information,
refer to Philips specs.: SNW-EQ-608, SNW-FQ-302A
and SNW-FQ-302B.
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT143B) and symbol.
BF904 marking code: M04.
handbook, halfpage
43
2
1
Top view
MAM124
s,b
d
g
1
g
2
Fig.2 Simplified outline (SOT143R) and symbol.
BF904R marking code: M06.
handbook, halfpage
Top view
MAM125 - 1
s,b
d
g
1
g
2
34
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDS
drain-source voltage
−−
7V
ID
drain current
−−
30
mA
Ptot
total power dissipation
−−
200
mW
Tj
operating junction temperature
−−
150
°C
yfs
forward transfer admittance
22
25
30
mS
Cig1-s
input capacitance at gate 1
−
2.2
2.6
pF
Crs
reverse transfer capacitance
f = 1 MHz
−
25
35
fF
F
noise figure
f = 800 MHz
−
2
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com