Electronic Components Datasheet Search
  English  ▼

X  

VSC8124 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8124
Description  Target Specification
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8124 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8124 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8124 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
2.488 Gb/s Quad
Data Re-timer
Target Specification
VSC8124
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
2/23/00
G52271-0, Rev. 1.14
Figure 2: Re-timed Serial Output Data Eye Diagram
Table 2: Serial Output Data Specification
NOTES: 1) Jitter generation is measured at worst case power supply and temperature using 155.52 MHz clean reference clock
and clean serial data.
2) Jitter generation and rise, fall time specifications do not apply in re-timer bypass mode.
Parameter
Description
Min
Typ
Max
Units
Conditions
JG
Jitter generation
-
-
12ps rms
Normal Operation
JG
Jitter generation
-
-
15 ps rms
Fast Lock Mode
JG
Jitter generation
-
-
14ps rms
Within 40
µs after
REFCK phase
change
tr, tf
Rise time, fall time
-
-
140
ps
20 to 80%
Period
JG
80%
20%
tr tf
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com