Electronic Components Datasheet Search
  English  ▼

X  

AD8250 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8250
Description  12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8250 Datasheet(HTML) 5 Page - Analog Devices

  AD8250 Datasheet HTML 1Page - Analog Devices AD8250 Datasheet HTML 2Page - Analog Devices AD8250 Datasheet HTML 3Page - Analog Devices AD8250 Datasheet HTML 4Page - Analog Devices AD8250 Datasheet HTML 5Page - Analog Devices AD8250 Datasheet HTML 6Page - Analog Devices AD8250 Datasheet HTML 7Page - Analog Devices AD8250 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary Technical Data
AD8250
Rev. PrB| Page 5 of 8
AD8250ARM
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT
RL = 10 k
Ω,
Output Swing
VS =
±5 V to ±12 V
–Vs +
1.5
+Vs –
1.5
V
Over Temperature
T = -40
°C to +85°C
V
Short Circuit Current
20
mA
REFERENCE INPUT
RIN
20
k
Ω
IIN
VIN+, VIN–, VREF = 0
μA
Voltage Range
–Vs
+Vs
V
Gain to Output
V/V
Digital Logic Inputs
V
Digital Ground Voltage, DGND
V
Digital Input Voltage Low
Referenced to DGND
1
V
Digital Input Voltage High
Referenced to DGND
4
V
Digital Input Leakage Current
pA
Gain Switching Time
ns
TSU
ns
THD
ns
TWR_LO
ns
TWR_HI
ns
POWER SUPPLY
Operating Range3
±5
±12
Quiescent Current
3.5
mA
Over Temperature
T = -40
°C to +85°C
mA
TEMPERATURE RANGE
Specified Performance
–40
+85
°C
TIMING DIAGRAM
tWR-LO
tWR-HI
tSU
tHD
WR
A0, A1
Figure 3.Timing Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com