Electronic Components Datasheet Search
  English  ▼

X  

RTC-710AP Datasheet(PDF) 1 Page - AAEON Technology

Part # RTC-710AP
Description  7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

RTC-710AP Datasheet(HTML) 1 Page - AAEON Technology

  RTC-710AP Datasheet HTML 1Page - AAEON Technology RTC-710AP Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01-3
0
1
Note: All specifications are subject to change without notice.
www.aaeon.com
Features
Specifications
7" Rugged Tablet Features Intel® N3350 / N4200 Processor with Windows® 10
RTC-710AP
■ 7" WXGA (1280 x 800) 700-nit / 300-nit TFT LCD
■ Intel® Celeron® N3350 1.1GHz Dual Core Up to 2.4GHz (N4200
Optional)
■ Onboard LPDDR4 Memory, 4GB (Default) / 8GB
■ eMMC 64GB (Default) / 128GB
■ Projected Capacitive Multi-Touch Screen
■ WiFi 802.11b/g/n, Bluetooth 5.1, LTE (Optional)
■ 2MP Front and 8MP Rear Camera
■ RS-232 COM Port + 10/100/1000 Base-T RJ45 via I/O Module
(Optional)
■ USB 3.2 Gen 1 Type-C x 1, USB 2.0 Type-A x 1
■ 2D Barcode Scanner via I/O Module (Optional)
■ NFC (HF RFID) Reader (Optional)
■ Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
■ One Hot-swappable Battery + Internal Battery, Up to 44W Battery
Capacity
■ MIL-STD-810G, IP65 Compliant, Drop 122cm
■ Programmable Function Key: F1, F2, F3, Volume Up/Down, With LED
Illumination
■ Windows® 10 IOT
System Architecture
Processor
Intel® Celeron® N3350 1.1GHz Dual core up to 2.4GHz
Intel® Pentium® N4200 1.1GHz Quad core up to 2.5GHz
Operating System
Windows® 10 IOT Enterprise SAC
Memory
Onboard LPDDR4 4GB (Default) / 8GB
Storage
eMMC 64GB (Default) / 128GB
Display
7" WXGA (1280x800) 300-nit / 700-nit TFT LCD
With Projected Capacitive Multi-Touch Screen
I/O Port
SIM card slot x 1
USB 3.2 Gen 1 Type-C x 1
Audio jack x 1 (3.5mm)
DC-in jack x 1
Micro-SD card slot x 1
USB 2.0 Type-A x 1
RS-232 COM Port x 1 (Via I/O Module)
10/100/1000 Base-T RJ45 x 1 (Via I/O Module)
Communication
Wi-Fi 802.11 b/g/n, Bluetooth v5.1
Navigation
Up to 3 GNSS, GPS + Galileo (Default), GLONASS, BeiDou (Optional)
External Antenna (Optional)
WWAN(optional)
LTE via M.2 slot (Optional)
Hot-swappable Battery can not be used when LTE module is installed.
Camera
2MP front camera, 8MP rear camera with flash
Sensor
G-sensor, E-compass, Gyro-sensor, Light-sensor
Expansion Slot
M.2 slot x 1, Docking connector: USB 3.2 Gen 1 x 1
Barcode Scanner (Optional)
2D Barcode scanner, OPTICON MDI-4100-USB via I/O module (Optional)
HF RFID (Optional)
ISO 15693 (R/W), ISO 18092 (R/W), ISO 14443-A (R/W), ISO 14443-B (Only
Read UID), Depend on card type
Audio
Speaker x 1
Physical Key
F1 (Ctrl+Alt+Del as Soft Reboot), F2 (Screenprint), F3 (Barcode Scanner
Trigger), Volume Up, Volume Down
Mechanical
Color
Dark Gray
Dimension (W x H x D)
8.65" x 5.46" x 0.94" (219.8 x 138.8 x 23.9 mm)
Gross Weight
1.54 lb (0.7 Kg) based on configurations
Environmental
Operating Temperature
-4°F ~ 122°F (-20°C ~ 50°C) for high-brightness version
Storage Temperature
-22°F ~ 158°F (-30°C ~ 70°C)
Humidity
MIL-STD-810G Method 507.5
Environmental Sealing
IP65
Vibration
MIL-STD-810G Method 514.6
Drop
MIL-STD-810G Method 516.6 Procedure IV
Height of Drop: 122 cm (48 inch; 4 ft)
Shock
—
ESD
Air charge: +/- 8KV, Contact charge: +/- 4KV
Certifications and Standards
CE, FCC
Power Supply
AC / DC Adapter
AC 100 ~ 240 V, 50 ~ 60 Hz, Output: 12V/ 3.34A/ 40W
Battery Life
Li-ion Battery 8-hour battery life based on test configurations
Master Battery
7.2V, 4540mAh, 32.7W
Slave Battery
Hot-swappable battery: 7.4V, 1530mAh, 11.3W (Optional)
Display
LCD
7" TFT-LCD / 16:10, with LED backlight
Resolution
1280 x 800
Maximum Color
—
Dot Size
0.03925(H) X 0.11775(V) mm
Brightness
700 / 300 nits
Viewing Angle
Horizontal: 178° (Typ.), Vertical: 178° (Typ.)
Touch Screen
Touch Type
7" Projected Capacitive Multi-Touch Screen
(700 nits with 10 points / 300 nits with 5 points)
Light Transmission
Min. 85%
USB 2.0
LPDDR
4
USB 3.2 Gen 1
Hot-swappable Battery
USB 2.0
Docking Connector
Kensington Lock
DC-in Jack
USB 3.2 Gen 1 (Type-C)
Audio Jack
External Antenna for GPS
Function Key x 5
2MP Front Camera
Light Sensor
HF RFID
8MP Rear Camera
Flash
M.2 Slot (for LTE)
Optional I/O Module
Micro-SD Card Slot
Power Button
Speaker
Nano SIM Card Slot
2023/01/03


Similar Part No. - RTC-710AP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
RTC-710RK AAEON-RTC-710RK Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0001 AAEON-RTC-710RKRH0001 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0002 AAEON-RTC-710RKRH0002 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0003 AAEON-RTC-710RKRH0003 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
RTC-710RKRH0004 AAEON-RTC-710RKRH0004 Datasheet
596Kb / 2P
7" Rugged Tablet ARM-based Android™ with 1.6 GHz Quad Core Processor
2022/12/07
More results

Similar Description - RTC-710AP

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
logo
BCM Advanced Research.
CAXA0 BCM-CAXA0 Datasheet
606Kb / 2P
10.1” Semi-Rugged Tablet with Intel® Celeron® N3350 Processor
2021/08/20
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
RTC-1010 AAEON-RTC-1010 Datasheet
639Kb / 2P
10.1" Rugged Tablet Features Intel N3350 / N4200 Processor With Windows® 10
2022/12/07
RTC-1010M AAEON-RTC-1010M Datasheet
477Kb / 2P
10.1" Semi-rugged Tablet Features Intel® N3350 / N4200 Processor With Windows® 10
2023/03/27
RTC-1200 AAEON-RTC-1200 Datasheet
900Kb / 2P
11.6" Rugged Tablet Features Intel Kaby Lake Up To 3.9 GHz Dual Core Processor with Windows® 10
2022/12/07
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com