Electronic Components Datasheet Search
  English  ▼

X  

TKJA Datasheet(PDF) 2 Page - ITT Industries

Part # TKJA
Description  Filter; Avionics Communication Computer Telemetry Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TKJA Datasheet(HTML) 2 Page - ITT Industries

  TKJA Datasheet HTML 1Page - ITT Industries TKJA Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 05.01.03
Filter; MIL-C-38999, Series I, II, III, IV
TKJL/TKJ/TKJA/TKJB
TKJL/TKJ/TKJA/TKJB Electrical Data
Contact Size
22, 20, 16
Current Rating
5A (Size #22); 7.5 A (Size #20); 15 A (Size #16)
Filter Type
Pi (π)
Insulation Resistance,
electrification time 2minutes,
25°C (77°F), 100 V dc
5,000 MΩ min.
Operating Voltage
200 V dc or 120 V ac rms, 400 Hz
Available Filter Frequency
Low
Middle
Standard
High
Capacitance at 1 KHz,
45000 pF
12000 pF
5000 pF
1300 pF
0.1 V ac rms, 25°C (77°F)
32000 pF
8000 pF
3300 pF
850 pF
DWV (sea level)
300 V dc (Size #22)
500 µA max. charge/discharge
500 V dc (Sizes #20, #16)
500 V dc
500 V dc
500 V dc
Filter Designation
L
M
T
H
Filter Performance
Frequency
Attenuation
Attenuation
Attenuation
Attenuation
MHz
dB min.
dB min.
dB min.
dB min.
0.1
2
—
—
—
110
2
—
—
216
7
2
—
10
40
18
8
2
100
60
55
45
30
500-1000
65
60
55
50
Attenuation per MIL-STD-220 at 25°C (77°F) with no applied voltage or current.
Contact Cannon for higher or mixed attenuation values and higher voltage ratings.
TKJL/TKJ/TKJA/TKJB Filter Performance
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
H-12
To meet specific circuit and application
requirements, TKJL/TKJ/TKJA/TKJB connectors
can be specified with any combination of
different filters plus unfiltered/feed-thru and
grounding contacts.
Combination layouts cannot be ordered with
standard nomenclature; contact your local
Cannon representative for specific part
numbers.
Contact Combinations/Options



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com