Electronic Components Datasheet Search
  English  ▼

X  

MPC821 Datasheet(PDF) 184 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 184 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 180Page - NXP Semiconductors MPC821 Datasheet HTML 181Page - NXP Semiconductors MPC821 Datasheet HTML 182Page - NXP Semiconductors MPC821 Datasheet HTML 183Page - NXP Semiconductors MPC821 Datasheet HTML 184Page - NXP Semiconductors MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors MPC821 Datasheet HTML 188Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 242 page
background image
Hardware Preparation and Installation
8
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
FIGURE 2-5 Keep Alive Power Source Selection
2•3•5
LXT970 Power Up HW Configuration
The LXT970 can be configure for power up by 9 pins 5 of them are connected to the LXT970 through
DS1 (DS1 is a 16 pin contain 8 dip switches) they are the HW configuration pins. The pins MF0 - MF4
can configure the following options:
MF0 enables the autonegotiation, if DS1(1) is OFF it enable the autonegotiation
MF1 selects DTE or Repeater, if DS1(2) is ON it enable the DTE mode.
MF2 selects symbol (5B) or Nibble (4B) if DS1(3) is ON Nibble (4B) is selected.
MF3 enables scrambler operation, if DS1(4) is ON the scrambler operation is enabled.
MF4 select the output possibility options, twisted pair or the fiber optic.
2•4
INSTALLATION INSTRUCTIONS
The MPC860TFADSDB should be plugged into the MPC8XXFADS Mother Board. This should be
done when the FADS is disconnected from any power supply. The 860TDB should be placed over
the mother board connectors in a way that the mother board connectors of the 860TDB, PM1 - PM4
match the daughter connectors of the FADS and than pressed gently into position.
The connectors are arranged in a non symmetrical form, so miss-insertion is inhibited.
1
1
J2
J2
+
-
Ext. Power Supply
3.3V
KAPWR
GND
3.3V
KAPWR
GND
KAPWR From 3.3V
KAPWR From Ext.
Power Supply
ON 1
2
3
4
5
6
7
8
MF0
MF1
MF2
MF3
MF4
DS1 Default Configuration.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com