Electronic Components Datasheet Search
  English  ▼

X  

MPC821 Datasheet(PDF) 188 Page - NXP Semiconductors

Part # MPC821
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC821 Datasheet(HTML) 188 Page - NXP Semiconductors

Back Button MPC821 Datasheet HTML 184Page - NXP Semiconductors MPC821 Datasheet HTML 185Page - NXP Semiconductors MPC821 Datasheet HTML 186Page - NXP Semiconductors MPC821 Datasheet HTML 187Page - NXP Semiconductors MPC821 Datasheet HTML 188Page - NXP Semiconductors MPC821 Datasheet HTML 189Page - NXP Semiconductors MPC821 Datasheet HTML 190Page - NXP Semiconductors MPC821 Datasheet HTML 191Page - NXP Semiconductors MPC821 Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 242 page
background image
Functional Description
12
MPC860TFADS Daughter Board Design Specification—Rev 0.1
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
3)
and by MPC860T internal sources.
When Soft reset is generated to the MPC860T, Soft Reset configuration is made available to the MPC
by logic residing over the motherboard. See 4•1•6•3 "Soft Reset Configuration" on page 29 on
MPC8XXFADS User’s Manual.
4•2
Interrupts
Two external interrupts are applied to the MPC via its interrupt controller the ABORT (NMI), which is
generated by a push-button & logic residing over the motherboard, and the other on is the IRQ2 which
is the interrupt of the LXT970 Fast Ethernet Tranceiver.
4•3
Clock Generator
Although most of clock generator logic is found on this board, it is documented within the motherboard
User’s Manual, since, it is common to all daughter boards. See 4•3 "Clock Generator" on page 30 of
the MPC8XXFADS User’s Manual.
4•4
Fast Ethernet Support
The 860TDB has on-board full support for 802.3 Media Independent Interface (MII), made by the
Level One LXT970 device, the connection between the LXT970 and the line can be made by twisted
pair RJ45 connector or by fiber optic connector which is an optional only.
The LXT970 used in the 860TDB has the following features: it is a IEEE 802.3 Compatible which is
a 10BASE-T and 100BASE-TX using a single RJ45 connector. It support an auto-negotiation via Fast
Link Pulse (FLP) exchange and parallel detection for legacy 10BASE-T and 100BASE-TX systems.
MII interface, 100BASE-FX fiber optic capable, configurable through the MII serial port, it can be DTE
repeater or switch application.
The LXT970 has several control pins that can configure the mode of operation these pins are sepa-
rated to two pins groups the WH control pins and the SW control pins, the HW control pins are the
MF(0:4) connected to the DS1, the SW control pins are the TRSTE, FDE and CFG(0:1) which are
controlled via the BCSR4 register.
The following tables illustrate the LXT970 configuration options.
The following table describe the SW control pins controlled via the BCSR4 register which is on the
mother board
TABLE 4-1. MF0 - MF4 Function Description Pins
PIN NAME
FUNCTION
DS1 ON
CONDITION
DS1 OFF
CONDITION
Default
MF0
Auto-negotiation
Disable
Enable
Enable
MF1
Repiter/DTE mode
DTE
Repeater
DTE
MF2
Nibble 4B/Symbol 5B
Nibble 4B
Symbol 5B
Nibble 4B
MF3
Scrambler Operation
Enable
Disable
Enable
MF4
Select TX or FX
100TX
100FX
100TX
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com