Electronic Components Datasheet Search
  English  ▼

X  

MPC860 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPC860
Description  Design Specification
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC860 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPC860 Datasheet HTML 38Page - NXP Semiconductors MPC860 Datasheet HTML 39Page - NXP Semiconductors MPC860 Datasheet HTML 40Page - NXP Semiconductors MPC860 Datasheet HTML 41Page - NXP Semiconductors MPC860 Datasheet HTML 42Page - NXP Semiconductors MPC860 Datasheet HTML 43Page - NXP Semiconductors MPC860 Datasheet HTML 44Page - NXP Semiconductors MPC860 Datasheet HTML 45Page - NXP Semiconductors MPC860 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 242 page
background image
Functional Description
MPC8XXFADS Design Specification—Rev 0.1
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
4•9
Communication Ports
Since the FADS platform is meant to serve all the MPC8XX family, it only contains modules that are
common to all family members. The various communication ports for the present and future family
members are shown in TABLE 4-8. "MPC8XX Family Comm. Ports" below:
As can be seen from the above table the Ethernet, I/R and Uart (RS232) support are common to allA
family members. Therefore, the FADS is equipped with 2 port of RS232, each with independent
enable via BCSR and an IRDA transceiver, supporting Fast IRDA.
4•9•1
Ethernet Port
An Ethernet port with T.P. (10-Base-T) I/F is provided on the MPC8XXFADS. The comm. port over
which this port resides, is determined according to the MPC typeB. Use is done with the MC68160
EEST 10-base-T transceiver, used also with the MPC8XXFADS.
To allow alternative use of the Ethernet’s SCC pins, they appear at the expansion connectors over
the daughter-board and over the Comm. Ports expansion connector (P8) of the this board, while the
Ethernet transceiver may be Disabled / Enabled at any time by writing ’1’ / ’0’ to the EthEn~ bit in
BCSR1.
4•9•2
Infra-Red Port
An infra-Red communication port is provided with the FADS - the Temic’s TFDS 6000 integrated
transceiver, which incorporates both the receiver and transmitter optical devices with the translating
logic and supports Fast IrDA (upto 4 Mbps). The comm. port over which this port resides, is deter-
a. This is an interchip protocol and therefore will not be supported for evaluation.
A. Except for the MPC801 which does not have Ethernet support.
B. I.e., routing is done on the daughter board.
TABLE 4-8. MPC8XX Family Comm. Ports
Family Member - MPC
Comm.
Port
801
823
821
860
860SAR
860T
SCC1
Uart, IrDA
USB
 +Enet
 +Enet
 +Enet
 +Enet
SCC2
Uart, IrDA
 +Enet,
Fast IrDA
 +IrDA
 +Enet,
IrDA
 +Enet,
IrDA
 +Enet,
IrDA
SCC3
 +Enet
 +Enet
 +Enet
SCC4
 +Enet
 +Enet
 +Enet
SMC1
 Uart
 Uart
 Uart
 Uart
 Uart
SMC2
 TDM
Only
 Uart
 Uart
 Uart
 Uart
SPIa

I2Ca

Fast Enet

Utopia

Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com