Electronic Components Datasheet Search
  English  ▼

X  

PCB-ZD Datasheet(PDF) 1 Page - ITT Industries

Part # PCB-ZD
Description  D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

PCB-ZD Datasheet(HTML) 1 Page - ITT Industries

  PCB-ZD Datasheet HTML 1Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Version 05.01.03
F-22
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
D Subminiature
Straight PCB – ZD*
The ZD*, straight solder termination
(stamped
and
formed
contact)
connectors
are
available
for
applications where price is the primary driver.
They are available with or without boardlocks
and screw locks.
Applications:
• Aerospace
• Communication Systems
• Information Systems
• Medical
• Test Equipment
• Transportation
• Stamped PCB contacts, 5 A current capacity.
• Economical.
• Optional vertical standoffs with optional
harpoon style boardlocks or screw locks.
• Closed-entry socket for secure blind mating.
• Compatible with all other D Subminiature
series.
Performance Specifications
Connector Durability
50 mating cycles (Class 3); 200 mating cycles (Class 2)
Contact Resistance
20 mΩ (on mated contacts)
Contact Termination
Solder, Straight PCB (stamped and formed contacts)
Coupling
Friction/hardware
Current Rating
5 A (Standard Density)
DWV
1000 V ac at sea level
Insulation Resistance
5000 MΩ to 500 V dc
Number of Circuits
Up to 50: 9, 15, 25, 37, 50
Operating Temperature
–55°C to 105°C (–67°F to 221°F)
Polarization
Keystone shape of shell
Shell Style
2 piece design
Size or length
5 sizes – E, A, B, C, D
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, Glass-filled; UL 94V-0 (E112081)
Color: Black
Contact, Female
Phosphor Bronze
Engaging Area: Gold over Nickel
Terminating End: Tin
Contact, Male
Brass
Engaging Area: Gold over Nickel
Terminating End: Tin
Hardware
Steel or Copper Alloy
Tin
Product Features
For more information: www.ittcannon.com/cat243
Please contact your local Cannon representative: www.ittcannon.com/support/ContactUs


Similar Part No. - PCB-ZD

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
PCB-00210 SKYWORKS-PCB-00210 Datasheet
454Kb / 4P
3400 to 3600 MHz Single-Junction Robust Lead Circulator
April 4, 2020
PCB-00263 SKYWORKS-PCB-00263 Datasheet
392Kb / 4P
2496 to 2690 MHz Single-Junction Robust Lead Circulator
October 21, 2020
PCB-00284 SKYWORKS-PCB-00284 Datasheet
614Kb / 4P
3300 to 3800 MHz Single-Junction Robust Lead Circulator
November 12, 2020
logo
List of Unclassifed Man...
PCB-1 ETC2-PCB-1 Datasheet
80Kb / 2P
Printed Circuit Board Fuses
logo
Cooper Bussmann, Inc.
PCB-1 COOPER-PCB-1 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
More results

Similar Description - PCB-ZD

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PCB-DM ITT-PCB-DM Datasheet
64Kb / 1P
D Subminiature Aerospace Communication Systems Information Systems Medical Test Equipment Transportation
PCB-DNG ITT-PCB-DNG Datasheet
67Kb / 1P
D Subminiature Communication Systems Information Systems Medical Test Equipment
logo
Z-Communications, Inc
PSA3240C-LF ZCOMM-PSA3240C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
PSA3295C-LF ZCOMM-PSA3295C-LF Datasheet
87Kb / 2P
Satellite Communication Systems
logo
Micross Components
HMC362 MICROSS-HMC362 Datasheet
846Kb / 9P
Satellite Communication Systems
logo
ATMEL Corporation
ATDVK90CAN1 ATMEL-ATDVK90CAN1 Datasheet
1Mb / 6P
Automotive and Transportation Systems
logo
Analog Devices
HMC361S8G AD-HMC361S8G Datasheet
385Kb / 6P
Satellite communication systems
logo
ETAL Group
3500-P10 ETAL-3500-P10 Datasheet
154Kb / 2P
Control systems, instrumentation, medical equipment, machine tools, robotics, communications systems
8340-F ETAL-8340-F Datasheet
463Kb / 6P
Control equipment, communications systems, transportation, power supplies
8340-T ETAL-8340-T Datasheet
409Kb / 6P
Power supplies, control equipment, communication systems, EDP systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com