Electronic Components Datasheet Search
  English  ▼

X  

BF989 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF989
Description  N-channel dual-gate MOS-FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF989 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF989 Datasheet HTML 1Page - NXP Semiconductors BF989 Datasheet HTML 2Page - NXP Semiconductors BF989 Datasheet HTML 3Page - NXP Semiconductors BF989 Datasheet HTML 4Page - NXP Semiconductors BF989 Datasheet HTML 5Page - NXP Semiconductors BF989 Datasheet HTML 6Page - NXP Semiconductors BF989 Datasheet HTML 7Page - NXP Semiconductors BF989 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 1991
2
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF989
FEATURES
• Protected against excessive input voltage surges by
integrated back-to-back diodes between gates
and source.
APPLICATIONS
• UHF applications such as:
– UHF television tuners
– Professional communication equipment.
PINNING
PIN
SYMBOL
DESCRIPTION
1
s, b
source
2
d
drain
3g2
gate 2
4g1
gate 1
Fig.1 Simplified outline (SOT143) and symbol.
Marking code: MAp.
handbook, halfpage
s,b
d
g
1
g
2
43
2
1
Top view
MAM039
DESCRIPTION
Depletion type field-effect transistor in a plastic SOT143
microminiature package with interconnected source
and substrate.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VDS
drain-source voltage
−
20
V
ID
drain current
−
20
mA
Ptot
total power dissipation
up to Tamb =60 °C
−
200
mW
Tj
junction temperature
−
150
°C
transfer admittance
f = 1 kHz; ID = 7 mA; VDS = 10 V; VG2-S =4V
12
−
mS
Cig1-s
input capacitance at gate 1 f = 1 MHz; ID = 7 mA; VDS =10V; VG2-S = 4 V
1.8
−
pF
Crs
feedback capacitance
f = 1 MHz; ID = 7 mA; VDS =10V; VG2-S =4V
25
−
fF
F
noise figure
f = 800 MHz; GS = 2 mS; BS =BSopt; ID = 7 mA;
VDS =10V; VG2-S =4V
2.8
−
dB
Y
fs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com