Electronic Components Datasheet Search
  English  ▼

X  

PI74VCX16245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74VCX16245
Description  2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74VCX16245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16245 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8325
09/14/98
Product Description
Pericom Semiconductor’s PI74VCX series of logic circuits are
produced in the Company’s advanced 0.35 micron CMOS
technology, achieving industry leading speed.
The PI74VCX16245 is a 16-bit bidirectional transceiver designed
for asynchronous two-way communication between data buses.
The direction control input pin (xDIR) determines the direction of
data flow through the bidirectional transceiver. The Direction and
Output Enable controls are designed to operate this device as either
two independent 8-bit transceivers or one 16-bit transceiver. The
output enable (OE) input, when HIGH, disables both A and B ports
by placing them in HIGH Z condition.
To ensure the high-impedance state during power up or power
down, OE should be tied to Vcc through a pull-up resistor; the
minimum value of the resistor is determined by the current sinking
ability of the driver.
The PI74VCX family is I/O Tolerant, allowing it to operate in
mixed 1.8V/3.6V systems.
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Product Features
• The PI74VCX family is designed for low voltage operation
VDD=1.8Vto3.6V
• 3.6V I/O Tolerant Inputs and Outputs
• Supports Live Insertion
• Balanced output drive, ±24mA
• Uses patented Noise Reduction Circuitry
• Typical VOLP (Output Ground Bounce)
< 0.6V at VDD = 2.5V, TA = 25ºC
• Typical VOHV (Output VOH Undershoot)
< -0.6V at VDD = 2.5V, TA = 25ºC
• Power-Off High Impedance inputs and outputs
• Industrial operation at –40°C to +85°C
• Packages available:
–48-pin240mil.wideplasticTSSOP(A)
–48-pin300mil.wideplasticSSOP(V)
PI74VCX16245
2.5V 16-Bit Bidirectional Transceiver
with 3-State Outputs
Logic Block Diagram
1B0
1A0
1OE
1DIR
1B1
1A1
1B2
1A2
1B3
1A3
1B4
1A4
1B5
1
A5
1B6
1A6
1B7
1A7
2
B0
2
A0
2
OE
2
DIR
2
B1
2
A1
2
B2
2
A3
2
B3
2
A4
2
B4
2
A5
2
B5
2
A6
2
B6
2
A7
2
B7
2
A8


Similar Part No. - PI74VCX16245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74VCX16244 PERICOM-PI74VCX16244 Datasheet
189Kb / 8P
16-Bit Buffer/Driver with 3-State Outputs
PI74VCX16244A PERICOM-PI74VCX16244A Datasheet
189Kb / 8P
16-Bit Buffer/Driver with 3-State Outputs
PI74VCX16244AE PERICOM-PI74VCX16244AE Datasheet
189Kb / 8P
16-Bit Buffer/Driver with 3-State Outputs
More results

Similar Description - PI74VCX16245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
16-Bit Transceiver with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
16-Bit Transceiver with 3-STATE Outputs
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
9-Bit Bidirectional Transceiver with 3-STATE Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
16-Bit BiDirectional Transceiver with 3-State Outputs
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245 Datasheet
534Kb / 10P
2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com