Electronic Components Datasheet Search
  English  ▼

X  

FELSICCAPAX Datasheet(PDF) 15 Page - Exxelia Group

Part # FELSICCAPAX
Description  15 000 h / 85°C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

FELSICCAPAX Datasheet(HTML) 15 Page - Exxelia Group

Back Button FELSICCAPAX Datasheet HTML 8Page - Exxelia Group FELSICCAPAX Datasheet HTML 9Page - Exxelia Group FELSICCAPAX Datasheet HTML 10Page - Exxelia Group FELSICCAPAX Datasheet HTML 11Page - Exxelia Group FELSICCAPAX Datasheet HTML 12Page - Exxelia Group FELSICCAPAX Datasheet HTML 13Page - Exxelia Group FELSICCAPAX Datasheet HTML 14Page - Exxelia Group FELSICCAPAX Datasheet HTML 15Page - Exxelia Group FELSICCAPAX Datasheet HTML 16Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
13
ELECTROLYTIC ALUMINUM CAPACITORS
Revision 09/17
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
Ring - clip mounting : FELSIC BC
Ring clips shall be ordered separately.
Tightening screws and nuts are supplied loosely.
Stirrup mounting : CUBISIC LP
Stirrups shall be ordered separately.
Tightening screws and nuts are supplied loosely
Salt mist endurance of screws and mounting accessories :
minimum 96 h (IEC 600 68-2-11)
PACKAGING
1. PACKAGING AND WEIGHT UNITS.
1.1. Capacitor with screw terminals
* Unit weight = typical values
Possibles variations of = ± 25 % according to different voltage and capacitance.
1.2. Radial solder types
* Unit weight = typical values
Possibles variations of = ± 25 % according to different voltage and capacitance.
1.3. Axial types
* Unit weight = typical values
Possibles variations of = ± 25 % according to different voltage and capacitance.
FELSIC BC - Metal ring-clips
Ø A Cap.
B
C
Code
Ø A Cap.
B
C
Code
36
54
63
A 691901
51
33,5
11,8
A 691905
66
39
10,5
A 691913
73
44
10,5
A 691914
77
44,5
10,5
A 691907
90
53,3
11,8
A 691915
CUBISIC /CUBISIC LP - Metal bracket
Ø A Cap.
A
B
C
Code
45x12
69
45
10
A 691057
35x16
59
35
14
A 691059
Case dimensions
Unit weight *
Ø
H
(g)
36
36
36
36
51
51
51
51
51
51
47
60
80
104
47
62
81
104
112
144
52
81
105
63
82
105
53
70
79
100
120
80
105
190
260
270
370
66
66
104
112
105
430
460
73
73
104
144
112
600
680
77
77
77
77
104
144
200
220
105
145
221
620
860
1300
1400
90
90
90
67
144
200
145
600
1400
1800
Case
dimensions
ALSIC
SNAPSIC
Ø
(mm)
H
(mm)
Weight*
(g)
Weight*
(g)
10
16
1,8
12,5
12,5
21
24
4,5
5
16
25
8,2
22
22
22
25
30
40
15
17
18
25
25
25
25
25
25
25
30
35
40
45
50
17
20
22
25
28
30
30
30
30
30
30
30
25
30
35
40
45
50
28
30
30
40
45
50
Case
dimensions
ALSIC
SNAPSIC
Ø
(mm)
H
(mm)
Weight*
(g)
Weight*
(g)
35
35
35
35
35
35
30
40
45
50
75
100
50
50
52
60
95
125
40
40
40
40
40
50
75
100
65
100
130
170
45
45
45
45
45
45
45
21
25
30
35
45
75
100
50
60
73
85
110
180
240
Case dimensions
CUBISIC
I
L
H
weight (g)
35
35
35
50
16
16
30
40
45
45
45
35
50
75
12
12
12
30
45
60
Case dimensions
PRORELSIC
RELSIC
PRORELSIC
PROMISIC
SICAL CO 42
SICAL
Ø
(mm)
H
(mm)
Unit weight *
(g)
Unit weight *
(g)
Unit weight *
(g)
6,5
6,5
15
19
1,6
1,8
1,8
8,5
19
2,3
2,3
10
10
10
19
25
28
2,8
3,5
3,8
2,8
3,5
12
12
25
30
5
5,4
5,4
14
14
30
41
6,9
9,5
6,9
16
30
7,7
7,7
18
18
35
40
13,6
15,3
15,3
21
40
19,5
19,5
25
25
25
40
50
75
28
35
56
28
35
56
General technical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com