Electronic Components Datasheet Search
  English  ▼

X  

BF997 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF997
Description  N-channel dual-gate MOS-FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF997 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF997 Datasheet HTML 1Page - NXP Semiconductors BF997 Datasheet HTML 2Page - NXP Semiconductors BF997 Datasheet HTML 3Page - NXP Semiconductors BF997 Datasheet HTML 4Page - NXP Semiconductors BF997 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
April 1991
4
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF997
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Measuring conditions (common source): ID = 10 mA; VDS =15V; VG2-S =4V; Tamb =25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IG1-SS
gate 1 cut-off current
VG1-S = ±5 V; VG2-S =VDS =0
−±50
nA
IG2-SS
gate 2 cut-off current
VG2-S = ±5 V; VG1-S =VDS =0
−±50
nA
V(BR)G1-SS gate 1-source breakdown voltage
IG1-SS = ±10 mA; VG2-S =VDS =0
±6
±20
V
V(BR)G2-SS gate 2-source breakdown voltage
IG2-SS = ±10 mA; VG1-S =VDS =0
±6
±20
V
V(P)G1-S
gate 1-source cut-off voltage
ID =20 µA; VDS = 15 V; VG2-S =4V
−−2.5
V
V(P)G2-S
gate 2-source cut-off voltage
ID =20 µA; VDS = 15 V; VG1-S =0
−−2V
IDSS
drain-source cut-off voltage
VDS =15V; VG2-S =4V; VG1-S =0
2
20
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
UNIT
transfer admittance
f = 1 kHz
15
18
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
−
2.5
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
−
1.2
pF
Crs
feedback capacitance
f = 1 MHz
−
25
fF
Cos
output capacitance
f = 1 MHz
−
1pF
F
noise figure
f = 200 MHz; GS = 2 mS; BS =BSopt
−
1dB
Gp
power gain
f = 200 MHz; GS = 2 mS; BS =BSopt;
GL = 0.5 mS; BL =BLopt
−
25
dB
Y
fs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com