Electronic Components Datasheet Search
  English  ▼

X  

AD8202 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8202
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202 Datasheet(HTML) 3 Page - Analog Devices

  AD8202 Datasheet HTML 1Page - Analog Devices AD8202 Datasheet HTML 2Page - Analog Devices AD8202 Datasheet HTML 3Page - Analog Devices AD8202 Datasheet HTML 4Page - Analog Devices AD8202 Datasheet HTML 5Page - Analog Devices AD8202 Datasheet HTML 6Page - Analog Devices AD8202 Datasheet HTML 7Page - Analog Devices AD8202 Datasheet HTML 8Page - Analog Devices AD8202 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD8202
Rev. A | Page 3 of 12
SPECIFICATIONS—SINGLE SUPPLY
TA = operating temperature range, VS = 5 V, unless otherwise noted.
Table 1.
AD8202 SOIC
AD8202 DIE
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
SYSTEM GAIN
Initial
20
20
V/V
Error
0.02 ≤ VOUT ≤ 4.8 V dc
−0.3
+0.3
−0.3
+0.3
%
vs. Temperature
1
20
1
30
ppm/°C
VOLTAGE OFFSET
Input Offset (RTI)
VCM = 0.15 V; 25°C
−1
+1
−1
+1
mV
vs. Temperature
−40°C to +125°C
−10
+0.3
+10
−10
+0.3
+10
µV/°C
−40°C to +150°C
−15
+5
+15
µV/°C
INPUT
Input Impedance
Differential
260
325
390
260
325
390
kΩ
Common-Mode
135
170
205
135
170
205
kΩ
CMV
Continuous
−8
+28
−8
+28
V
Common-Mode Rejection1
VCM = 0 V to 10 V
f = DC
82
82
dB
f = 1 kHz
82
82
dB
f = 10 kHz2
80
80
dB
PREAMPLIFIER
Gain
10
10
V/V
Gain Error
−0.3
+0.3
−0.3
+0.3
%
Output Voltage Range
0.02
4.8
0.02
4.8
V
Output Resistance
97
100
103
97
100
103
kΩ
OUTPUT BUFFER
Gain
2
2
V/V
Gain Error
0.02 ≤ VOUT ≤ 4.8 V dc
−0.3
+0.3
−0.3
+0.3
%
Output Voltage Range
0.02
4.8
0.02
4.8
V
Input Bias Current
40
40
nA
Output Resistance
2
2
Ω
DYNAMIC RESPONSE
System Bandwidth
VIN = 0.01 V dc, VOUT = 0.2 V p-p
30
50
30
50
kHz
Slew Rate
VIN = 0.2 V dc, VOUT = 4 V Step
0.28
0.28
V/µs
NOISE
0.1 Hz to 10 Hz
10
10
µV p-p
Spectral Density, 1 kHz (RTI)
275
275
nV/√Hz
POWER SUPPLY
Operating Range
3.5
12
3.5
12
V
Quiescent Current vs. Temperature
VO = 0.1 V dc
0.25
1.0
0.25
1.0
mA
PSRR
VS = 3.5 V to 12 V
75
83
75
83
dB
TEMPERATURE RANGE
For Specified Performance
−40
+125
−40
+150
°C
1 Source imbalance < 2 Ω.
2 The AD8202 preamplifier exceeds 80 dB CMRR at 10 kHz. However, since the signal is available only by way of a 100 kΩ resistor, even the small amount of pin-to-pin
capacitance between Pins 1, 8 and 3, 4 may couple an input common-mode signal larger than the greatly attenuated preamplifier output. The effect of pin-to-pin
coupling may be neglected in all applications by using filter capacitors at Node 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com