Electronic Components Datasheet Search
  English  ▼

X  

BFC505 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFC505
Description  NPN wideband cascode transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC505 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFC505 Datasheet HTML 3Page - NXP Semiconductors BFC505 Datasheet HTML 4Page - NXP Semiconductors BFC505 Datasheet HTML 5Page - NXP Semiconductors BFC505 Datasheet HTML 6Page - NXP Semiconductors BFC505 Datasheet HTML 7Page - NXP Semiconductors BFC505 Datasheet HTML 8Page - NXP Semiconductors BFC505 Datasheet HTML 9Page - NXP Semiconductors BFC505 Datasheet HTML 10Page - NXP Semiconductors BFC505 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1996 Oct 08
7
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC505
Fig.8
Transducer gain as a function of collector
current; typical values.
VCE = 1 V; RS =50 Ω; XS =XL = opt; f = 900 MHz.
handbook, halfpage
25
15
20
10
5
0
−5
MGG217
10−1
1
IC (mA)
gain
(dB)
10
RL = 470 Ω
50
Ω
Fig.9
Third order intercept point as a function of
collector current; typical values.
handbook, halfpage
10
−30
−20
−10
0
MGG218
10−1
110
IC (mA)
IP3
(dBm)
(1)
(2)
(3)
(4)
Point tuned for maximum gain with double slug tuners; f = 900 MHz.
(1) IP3 (output); VC2-E1 =3V.
(2) IP3 (output); VC2-E1 =1V.
(3) IP3 (input); VC2-E1 =3V.
(4) IP3 (input); VC2-E1 =1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com