Electronic Components Datasheet Search
  English  ▼

X  

LM27222M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM27222M
Description  High-Speed 4.5A Synchronous MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27222M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27222M Datasheet HTML 1Page - National Semiconductor (TI) LM27222M Datasheet HTML 2Page - National Semiconductor (TI) LM27222M Datasheet HTML 3Page - National Semiconductor (TI) LM27222M Datasheet HTML 4Page - National Semiconductor (TI) LM27222M Datasheet HTML 5Page - National Semiconductor (TI) LM27222M Datasheet HTML 6Page - National Semiconductor (TI) LM27222M Datasheet HTML 7Page - National Semiconductor (TI) LM27222M Datasheet HTML 8Page - National Semiconductor (TI) LM27222M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
20117901
Top View
SO-8 (NS Package # M08A)
θ
JA = 172˚C/W
or
LLP-8 (NS Package # SDC08A)
θ
JA = 39˚C/W
Ordering Information
Order Number
Size
NSC Drawing #
Package Type
Supplied As
LM27222M
SO-8
M08A
Rail
95 Units/Rail
LM27222MX
Tape and Reel
2500 Units/Reel
LM27222SD
LLP-8
SDC08A
Tape and Reel
1000 Units/Reel
LM27222SDX
Tape and Reel
4500 Units/Reel
Pin Descriptions
Pin #
Pin Name
Pin Function
1
SW
High-side driver return. Should be connected to the common node of high and low-side MOSFETs.
2
HG
High-side gate drive output. Should be connected to the high-side MOSFET gate. Pulled down
internally to SW with a 10K resistor to prevent spurious turn on of the high-side MOSFET when the
driver is off.
3
CB
Bootstrap. Accepts a bootstrap voltage for powering the high-side driver.
4
IN
Accepts a PWM signal from a controller. Active High. Pulled down internally to GND with a 150K
resistor to prevent spurious turn on of the high-side MOSFET when the controller is inactive.
5
LEN
Low-side gate enable. Active High. Pulled down internally to GND with a 150K resistor to prevent
spurious turn-on of the low-side MOSFET when the controller is inactive.
6V
CC
Connect to +5V supply.
7
LG
Low-side gate drive output. Should be connected to low-side MOSFET gate. Pulled down internally to
GND with a 10K resistor to prevent spurious turn on of the low-side MOSFET when the driver is off.
8
GND
Ground.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com